PART |
Description |
Maker |
Z0405MF Z0405MF0AA2 Z0405MF1AA2 Z0405NF Z0405NF0AA |
4A TRIACS From old datasheet system Triacs, 4A, 700V, sensitivity 25mA Triacs, 4A, 600V, sensitivity 25mA
|
STMicroelectronics ST Microelectronics SGS Thomson Microelectronics
|
BT137B BT137B-600D BT137B-800E BT137B-800G BT137B- |
Triacs logic level Triacs sensitive gate
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BTA312X-800B |
12 A Three-quadrant triacs triacs high commutation
|
NXP Semiconductors
|
BT134W BT134W-500 BT134W-500F BT134W-500G BT134W-6 |
5541231100 WITH 5650211 RoHS Compliant: Yes 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs 800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC 5541231100 WITH 5650411 RoHS Compliant: Yes Transient Voltage Suppressor Diodes Triacs logic level Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA212B BTA212B-500B BTA212B-800B BTA212BSERIESB |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
Philips Semiconductors
|
BTA212-600B BTA212B-500C BTA212B-600B BTA212B-600C |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
UDS-5703H UDN-5700ASERIES UDN-5706A UDS-5733H |
Serial real-time clock with audio 25 A standard and Snubberless" triacs 40A TRIACS 四外设驱 Real-Time Clock 64 Kbit (8192 bot x 8) EEPROM 四外设驱
|
Avago Technologies, Ltd.
|
Q4004LT Q6015LT Q6015LTH Q2010LT Q4015LT Q4015LTH |
Internally Triggered Triacs (4 A to 15 A) Power Driver IC; Driver Type:Sink; Source Output Current Max:600mA; Package/Case:22-DIP; Leaded Process Compatible:Yes; No. of Drivers:8; Output Current Max:600mA; Output Voltage Max:50V; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A5甲) Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A15甲)
|
TECCOR[Teccor Electronics] Littelfuse, Inc. TE Connectivity, Ltd.
|
BTA208S BTA208S-800B BTA208S-800C BTA208S-800F BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
T2035H07 T2035H-6I-TR T2050H-6I-TR T2050H-6G-TR T2 |
600 V, 20 A, SNUBBERLESS TRIAC High temperature 20 A Snubberless TRIACs High temperature 20 A Snubberless⑩ TRIACs
|
STMicroelectronics
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
T810-400B T835-400B T810-600B |
(T810-xxxB) HIGH PERFORMANCE TRIACS (T835-xxxB) HIGH PERFORMANCE TRIACS
|
STMicroelectronics
|