PART |
Description |
Maker |
2B20 |
High Performance, 4-20mA Output Voltage-to-Current Converter
|
Intronics Power, Inc.
|
AM91L50-20LC AM91L50-20LCB AM91L50-25DC AM91L50-25 |
1024 x 4 High-Speed Static R/W RAM Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W External Plug-In Power Supply; Series:FW18; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Input Current:1.00A; Leaded Process Compatible:Yes; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:12V; Output Power Max:18W; Output Current:1.5A; No. of Outputs:1; Input Current:1.50A; Leaded Process Compatible:Yes; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Input Current:1.00A; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:24V; Output Power Max:18W; Output Current:0.75A; No. of Outputs:1; Input Current:0.75A; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 45 ns, CDIP24 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 45 ns, CQCC28 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 35 ns, CDIP24 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 35 ns, CQCC28 1024x4 High-Speed Static R/W RAM 1024x4高速静电读/写内 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 25 ns, CDIP24
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
MAX15090 MAX15090A |
2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
|
Maxim Integrated Products
|
AM29LV652D AM29LV652DU90RMAF AM29LV652DU12RMAF AM2 |
128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control Varistor; Package/Case:0805; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.6V; Output Current Max:1A; Output Voltage Max:18V
|
Spansion Inc. SPANSION LLC Advanced Micro Devices
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
BDP954 Q62702-D1340 BDP952 BDP956 Q62702-D1344 Q62 |
PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BDP948 BDP950 Q62702-D1338 Q62702-D1336 |
From old datasheet system PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] SIEMENS A G
|
350-Z1-116-00-206 350-10-116-00-206 450-Z1-216-00- |
PCB connectors 2.54 mm Single row / double row Surface mount 电路板连接器2.54毫米单列/双列表面贴装 BRT-40X20AM 电路板连接器2.54毫米单列/双列表面贴装 Sensor Retroreflective Tape; Width:25mm; Roll Length:2.5m; For Use With:Photoelectric Sensors 电路板连接器2.54毫米单列/双列表面贴装 External Plug-In Power Supply; Series:FW50; Output Voltage:18V; Output Power Max:50W; Output Current:2.75A; No. of Outputs:1; Input Current:2.75A; Size:127 x 33 x 76.2 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes BRT-32X20AM External Plug-In Power Supply; Series:FW50; Output Voltage:12V; Output Power Max:50W; Output Current:4.15A; No. of Outputs:1; Input Current:4.15A; Leaded Process Compatible:Yes; Size:127 x 33 x 76.2 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
AD8010 AD80102000 AD8010AR-16-REEL7 AD8010AR-REEL |
Low Power, High Current Distribution Amplifier 200 mA Output Current High-Speed Amplifier 200 mA Output Current High Speed Amplifier
|
Analog Devices
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
DPA4111 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Min:20Vrms; Output Voltage Max:140Vrms; Load Current Max:1A; Switching:Zero Cross; Output Current Max:1A; Output Current Min:0.025Arms; Output Type:SCR RoHS Compliant: Yes
|
CRYDOM CORP
|
TC7662A02 TC7662AMJA TC7662ACPA TC7662AEPA TC7662A |
Charge Pump DC-to-DC Converter The TC7662A is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 3V to 18V input to a corresponding –3V to –18V output using only two low-cost capacitors, eliminating induct
|
MICROCHIP[Microchip Technology]
|