PART |
Description |
Maker |
AMS2954 AMS2954CT-X AMS2954AC-25 AMS2954AC-30 AMS2 |
5.0V 250mA low dropout voltage regulator 2.5V 250mA low dropout voltage regulator ; Resistance Min:1000ohm; Resistance Tolerance: /- 2 %; Series:JHE; Adjustment Type:Knob; Axis Configuration:Three; Body Height:4.97cm; Body Length:16.9cm; Body Width:15.6cm; Mechanical Angle/Rotation:18 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-SOIC -55 to 125 24-Bit ADC, 4 Ch, PGA 1:128, 50/60 Hz Notch, 0.6 mW Power Consumption 16-TSSOP -40 to 85 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 250mA LOW DROPOUT VOLTAGE REGULATOR 250mA的低压差稳压 3.5V 250mA low dropout voltage regulator
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc. Advanced Monolithic Sys...
|
74LVT2240 74LVTH2240 74LVT2240SJX 74LVTH2240SJX 74 |
Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs From old datasheet system Dual 4-Bit Inverting Buffer/Driver
|
Fairchild Semiconductor
|
74ALVCH16245 74ALVCH16245/D |
Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V(3-State, Non-Inverting)
|
ON Semiconductor
|
74VCXH16245-D |
Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74VCXH162240 |
Low Voltage 16-Bit Inverting Buffer/Line Driver From old datasheet system
|
Fairchild
|
74VCX16245-D |
Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74ALVCH16374-D |
Low-Voltage 16-Bit D-Type Flip-Flop with Bus Hold 1.8/2.5/3.3 V (3-State, Non-Inverting)
|
ON Semiconductor
|
MC74LCX16240-D |
Low-Voltage CMOS
16-Bit Buffer
With 5VTolerant Inputs and Outputs (3-State, Inverting)
|
ON Semiconductor
|
74LCXZ16240 74LCXZ16240MEA 74LCXZ16240MTD |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs (Preliminary)
|
Fairchild Semiconductor Corporation
|
74VCXH16374-D 74VCXH16374/D 74VCXH16374DT |
16 Bit MCU/DSP 80LD 30 MIPS 144 KB FLASH, Pb FREE, -40C to 85C, 80-TQFP, T/R 16位D型触发器 Low-Voltage 1.8/2.5/3.3V 16-Bit D-Type Flip-Flop With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74LCX16240 74LCX16240MTDX 74LCX16240MEAX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs From old datasheet system
|
Fairchild Semiconductor
|
M74HC245 M74HC245B1R M74HC245C1R M74HC245F1R M74HC |
HC640 INVERTING, HC643 INVERTING/NON INVERTING OCTAL BUS TRANSCEIVER (3-STATE): HC245 NON INVERTING OCTAL BUS TRANSCEIVER (3-STATE): HC245 NON INVERTING HC640 INVERTING, HC643 INVERTING/NON INVERTING OCTAL BUS TRANSCEIVER 3-STATE: HC245 NON INVERTING HC640 INVERTING/ HC643 INVERTING/NON INVERTING OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS TRANSCEIVER 3-STATE: HC245 NON INVERTING HC640 INVERTING, HC643 INVERTING/NON INVERTING 八路总线收发种状态:HC245非反相HC640反转,HC643反向/非反 Low-Power Stereo CODEC with 10 Inputs, 7 Outputs, HP Amplifier and Enhanced Digital Effects 80-BGA MICROSTAR JUNIOR -40 to 85
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|