PART |
Description |
Maker |
HFA1412 HFA1412MJ_883 HFA1412_883 FN3744 HFA1412MJ |
Quad/ High Speed/ Low Power/ Video Closed Loop Buffer Quad, High Speed, Low Power, Video Closed Loop Buffer From old datasheet system XC95216-15BG352I - NOT RECOMMENDED for NEW DESIGN
|
INTERSIL[Intersil Corporation]
|
5962-9458101M2A |
Quad Low Power, High Speed JFET Operational Amplifier
|
Analog Devices
|
AD8684ARUZ AD8684ARZ AD8684ARZ-REEL ANALOGDEVICESI |
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
|
ANALOG DEVICES INC
|
SP432CP SP432CN SP432 |
High Speed, Low Power Quad RS-422 Differential Line Receiver
|
SIPEX[Sipex Corporation]
|
5962-9458101MCA |
Quad Low Power, High Speed JFET Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 14; Temperature Range: Military QUAD OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CDIP14
|
Analog Devices, Inc.
|
MAX900 MAX900ACPP MAX900ACWP MAX900AEPP MAX900AEWP |
High-Speed, Low-Power Voltage Comparators High-Speed Low-Power Voltage Comparators High-Speed / Low-Power Voltage Comparators Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
M29DW323DB70ZA6 M29DW323DT M29DW323DT70N1E M29DW32 |
CAP 100PF 50V 20% Z5U SMD-0805 TR-7 PLATED-NI/SN Low-Noise Precision Operational Amplifier 8-SOIC 32兆位4Mb的x8或功能的2Mb x16插槽,双4分,启动V电源快闪记忆 High-Speed, Low-Power, Precision Quad Operational Amplifier 20-LCCC -55 to 125 32兆位4Mb的x8或功能的2Mb x16插槽,双4分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双24分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双4分,启动V电源快闪记忆 High-Speed, Low-Power, Precision Quad Operational Amplifier 14-CDIP -55 to 125 32兆位4Mb的x8或功能的2Mb x16插槽,双4分,启动V电源快闪记忆 Excalibur High-Speed Low-Power Precision Quad Operational Amplifier 14-PDIP 32 Mbit 4Mb x8 or 2Mb x16 / Dual Bank 8:24 / Boot Block 3V Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics SGS Thomson Microelectronics
|
OP471EY OP471AYMDA OP471FY OP471GS OP471GSZ OP471G |
High Speed, Low Noise Quad Operational Amplifier
|
Analog Devices, Inc.
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
AD713TQ AD713AQ AD713JCHIPS AD713JR-16 AD713JR-16- |
Quad Precision/ Low Cost/ High Speed/ BiFET Op Amp
|
Analog Devices
|
SGM5018YTS SGM5018 SGM5018YTS_TR SGM5018YTS/TR |
4.5Ω, High Speed, Low Voltage Quad, SPDT Analog Switch 4.5ヘ, High Speed, Low Voltage Quad, SPDT Analog Switch
|
Shengbang Microelectronics Co, Ltd
|