PART |
Description |
Maker |
STB4NB80 STB4NB80FP 5976 |
N - CHANNEL 800V - 3 Ohm - 4A - PowerMESH MOSFET From old datasheet system N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N沟道800V3Ω- 4A条,TO-220/TO-220FP PowerMESHTM MOSFET的(不适用沟道MOSFET的)
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STP6NB80FP STP6NB80 6218 |
N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP From old datasheet system N - CHANNEL 800V - 1.6 - 5.7A - TO-220/TO-220FP PowerMESH TM MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
MMF80R650P MMF80R650PTH |
800V 0.65(ohm) N-channel MOSFET
|
MagnaChip Semiconductor...
|
STP6NB80 STP6NB80FP |
N-CHANNEL 800V - 1.6 OHM - 5.7A - TO-220/TO-220FP
|
ST Microelectronics
|
STU7NA80 5968 |
N - CHANNEL 800V - 1.3 Ohm - 6.5A - Max220 FAST POWER MOSFET N - CHANNEL 800V - 1.3 - 6.5A - Max220 FAST POWER MOSFET From old datasheet system N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NDD03N80Z |
Power MOSFET 800V 4.5 Ohm Single N-Channel
|
ON Semiconductor
|
STB12NK80Z-S |
N-CHANNEL 800V - 0.65ohm - 10.5A I2SPAK Zener-Protected SuperMESH Power MOSFET N沟道800V 0.65ohm - 10.5A I2SPAK齐保护的SuperMESH功率MOSFET N-CHANNEL MOSFET with FAST DIODE N-CHANNEL 800V - 0.65 OHM - 10.5A I2SPAK ZENER-PROTECTED SUPERMESH MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STD4NK80ZT4 |
N-CHANNEL 800V - 3 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
ST Microelectronics
|
FQPF7N80 |
800V N-Channel MOSFET 3.8 A, 800 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQPF6N80C FQP6N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQPF3N80C FQP3N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|