PART |
Description |
Maker |
C8051F337-GM C8051F336-GM |
Mixed Signal ISP Flash MCU Family 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, QCC20
|
Silicon Laboratories, Inc.
|
ST92F120V1Q7 ST92F120R1Q6 ST92F120JR1Q6 ST92F120JR |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD 8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD HEATSINK TO-220 VERT MNT W/TABS 16位产品系列闪存微控制器与RAM,EEPROM和J1850 BLPD Heat Sink; Package/Case:TO-218, TO-247; Thermal Resistance:5 C/W; Mounting Type:Screw Mount; Length:38.1mm; Height:38.1mm; Width:41.91mm; Body Material:Aluminum; Body Plating:Anodized; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
C8051F852-C-GU C8051F860-C-GS |
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
|
Silicon Laboratories
|
ST7263BKX |
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM
|
STMicroelectronics
|
ST92F120 ST92F120JR1T ST92F120JR6T ST92F120JR9T ST |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
|
STMICROELECTRONICS[STMicroelectronics]
|
ST92F120JR1T ST92F120JR6T ST92F120JR9T ST92F120JV1 |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
|
ST Microelectronics
|
LQFP100 PQFP100 ST92F124JCV9Q6 ST92F250V9TC LQFP64 |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
|
AND J1850 BLPD STMICROELECTRONICS[STMicroelectronics]
|
ST7263B ST7263BK1 ST7263BK1B1 ST7263BK1M1 ST7263BK |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & IC
|
STMICROELECTRONICS[STMicroelectronics]
|
C8051F330 C8051F331 |
8K ISP FLASH MCU Family
|
Cygnal
|
C8051F536-C-IT C8051F531-C-IM C8051F531-C-IT C8051 |
8/4/2 kB ISP Flash MCU Family
|
Silicon Laboratories
|