PART |
Description |
Maker |
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
ASIS50-28 |
NPN SILICON RF POWER TRANSISTOR NPN SILICON RF POWER TRANSISTOR 14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator HF BAND, Si, NPN, RF POWER TRANSISTOR
|
ASI[Advanced Semiconductor] Advanced Semiconductor, Inc. ADVANCED SEMICONDUCTOR INC
|
MHQ6001 MHQ6002 MPQ918 MHQ4002A MHQ4013 MHQ4014 MP |
NPN silicon quad memory driver transistor. 6367254 MOTOROLA SC (XSTRS/R F) NPN silicon quad amplifier transistor. PNP silicon quad transistor.
|
http:// MOTOROLA[Motorola, Inc]
|
2N1890 JAN2N1890S JAN2N1711S JANTX2N1711 |
NPN LOW POWER SILICON TRANSISTOR NPN Transistor 500 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
Microsemi Corporation MICROSEMI CORP-LAWRENCE
|
BD159 BD157 BD158 BD157STU BD158STU BD159STU |
Low Power Fast Switching Output Stages NPN Epitxial Silicon Transistor NPN Epitaxial Silicon Transistor
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FZT491 FZT491A |
NPN Low Sat Transistor NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Style:Wall Mount Receptacle; Insert Arrangement:18-11
|
Zetex Semiconductors Diodes Incorporated
|
FMMTL618 FMMTL618TA FMMTL618-15 |
NPN Low Sat Transistor SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1250 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
KSD471AYTA KSD471AYBUNL |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|