PART |
Description |
Maker |
MC14049BCP MC14050BCP MC14050BCPG MC14050BDR2 MC14 |
Hex Buffer 六角缓冲 Hex Buffer 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO16
|
KEMET Corporation ONSEMI[ON Semiconductor]
|
HCC40107BDG HCC4017BDG HCC4017BDT HCC4027BDG HCC40 |
Rad-hard dual 2-input NAND buffer/driver Rad-hard decade counter/divider Rad-hard dual J-K master-slave Flip-Flop Rad-hard triple 3-input NAND gate Rad-hard 4-bit magnitude comparator Rad-hard triple 3-input AND gate Rad-hard hex buffer 3-state non-inverter Rad-hard hex schmitt trigger Rad-hard hex inverting buffer/converter Rad-hard hex inverter
|
ST Microelectronics
|
MM74C901 MM74C901M MM74C901N MM74C902M MM74C902N M |
Linear Motion Control; Series:LCP12; Track Resistance:5kohm; Resistance Tolerance: /-20%; Power Rating:0.7W; Resistor Element Material:Conductive Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer Hex Inverting TTL Buffer • From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IW4049B |
Hex Buffer/Converter
|
IK Semiconductor
|
MM74HC4049 MM74HC4050 MM74HC4049M MM74HC4049MTC MM |
ANA AIR CORE TACH/SPD DRV; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP16 Hex Inverting Logic Level Down Converter • Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
CD4010BMS FN3078 |
From old datasheet system CMOS Hex Buffer/Converter
|
INTERSIL[Intersil Corporation]
|
IW4050B IW4050BD IW4050BN |
Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
HCF4502M013TR HCF4502B02 HCF4502 HCF4502BM1 |
4000/14000/40000 SERIES, 6-BIT DRIVER, INVERTED OUTPUT, PDSO16 STROBED HEX INVERTER/BUFFER STROBED HEX INVERTER/BUFFER
|
STMicroelectronics ST Microelectronics
|
CD4049UBCSJ |
Hex Inverting Buffer; Package: SOP; No of Pins: 16; Container: Rail 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO16
|
Fairchild Semiconductor, Corp.
|
EL5623IRZ-T7 EL5623 EL5623IRZ EL5623IRZ-T13 |
Multi-Channel Buffer HEX BUFFER AMPLIFIER, PDSO16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC74HC367A MC74HC367AD MC74HC367ADT MC74HC367AN ON |
Telecomm/Datacomm HC/UH SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDSO16 From old datasheet system Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections Hex 3-State NonInverting Buffer with Separate 2-Bit and 4-Bit Section High-Performance Silicon-Gate CMOS
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|
MC14049UBDTELG MC14049UBFELG |
Hex Buffer; Package: TSSOP-16; No of Pins: 16; Container: Rail; Qty per Container: 96 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO16 Hex Buffer; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO16
|
ON Semiconductor
|