PART |
Description |
Maker |
2SA2065 |
Transistor Silicon PNP Epitaxial Type High-Speed Switching Applications DC-DC Converter Applications Strobe Applications TOSHIBA Transistor Silicon PNP Epitaxial Type
|
TOSHIBA[Toshiba Semiconductor]
|
2SB941 2SB941A 2SD1266A 2SB0941 2SD1266 2SB941APQ |
Silicon PNP epitaxial planar type power transistor Silicon PNP epitaxial planar type(For low-frequency power amplification) 3 A, 80 V, PNP, Si, POWER TRANSISTOR 3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
PANASONIC[Panasonic Semiconductor] PANASONIC CORP
|
RN2966FE RN2961FE RN2962FE RN2963FE RN2964FE RN296 |
100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon PNP Epitaxial Type (PCT Process) (Bias Resistor Built-in Transistor)
|
TOSHIBA[Toshiba Semiconductor]
|
NP043A2 |
Composite Device - Composite Transistors Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2) 80 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp.
|
2SA1425 2SA1425Y |
TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | SC-71 TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS
|
TOSHIBA
|
2SA1899 2SA1899O |
TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | SC-71 TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) POWER AMPLIFIER AND DRIVER STAGE AMPLIFIER APPLICATIONS
|
TOSHIBA
|
2SA1998 |
600mW Lead frame PNP transistor, maximum rating: -20V Vceo, -2A Ic, 150 to 500 hFE. FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE MICRO(FRAME TYPE)
|
Isahaya Electronics Corporation
|
HN1A01FU E001966 |
Silicon PNP Transistor PNP EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS) From old datasheet system
|
N/A Toshiba Semiconductor
|
2SA1015L A1015 2SA1015 |
PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER) Transistor Silicon PNP Epitaxial Type (PCT process) Audio Frequency Amplifier Applications Low Noise Amplifier Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
RN4602 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process) Switching/ Inverter Circuit/ Interface Circuit And Driver Circuit Applications
|
TOSHIBA[Toshiba Semiconductor]
|
KTA1024 KTA102407 KTA1024Y |
EPITAXIAL PLANAR PNP TRANSISTOR 50 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 EPITAXIAL PLANAR PNP TRANSISTOR TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
|
KEC(Korea Electronics)
|