PART |
Description |
Maker |
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
1024-60LH_883 ISPLSI1024-60LH_883 1024 1024-60LH/8 |
60 MHz in-system prommable high density PLD In-System Programmable High Density PLD EE PLD, 25 ns, PQCC68 :4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
1032-60LG_883 1032-60LJ 1032-60LJI 1032-60LT 1032- |
High-Density Programmable Logic In-System Programmable High Density PLD
|
LATTICE[Lattice Semiconductor]
|
UM-1MESA |
High frequency fundamental through hole Crystal High pulling sensitivity (ppm/pF)
|
QUARTZCOM the communications company
|
UM-1MJMESA |
High frequency fundamental SMD Crystal High pulling sensitivity (ppm/pF)
|
QUARTZCOM the communications company
|
MACH211SP-12 MACH211SP-7JC MACH211SP-7VC MACH211SP |
RES 35.7K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA SCREW MACHINE SLOTTED 6-32X3/4 High-Density EE CMOS Programmable Logic EE PLD, 16 ns, PQCC44 High-Density EE CMOS Programmable Logic 高密度电子工程CMOS可编程逻辑
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
C9311DK |
Flat panel sensor High sensitivity, high-speed frame rate, high resolution
|
Hamamatsu Corporation
|
STA2058EXTR STA2058EXA STA2058EXATR STA2058TR STA2 |
TESEO?GPS platform high-sensitivity baseband SPECIALTY MICROPROCESSOR CIRCUIT, PBGA144 TESEO GPS platform high-sensitivity baseband
|
意法半导 STMICROELECTRONICS
|
DK50-1.0 DK50-1.0M DK44-1.0 DK44-1.0M DK60-1.0 DK6 |
1.0mm High Density FLEX (300V, 105隆?C) 1.0mm High Density FLEX (300V, 105掳C) 1.0mm High Density FLEX (300V, 105°C)
|
Yamaichi Electronics Co., Ltd. http://
|
PD49PI |
High Speed, High Sensitivity Photodiode
|
Sharp Electrionic Compo...
|