PART |
Description |
Maker |
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|
BF622 Q62702-F1052 |
From old datasheet system NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
2SC4635LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 20mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4634LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC2881 |
Voltage Amplifier Applications High Voltage : VCEO = 120V High Transition Frequency : fT = 120MHz(typ.)
|
TY Semicondutor TY Semiconductor Co., Ltd
|
2SC4475 |
NPN Triple Diffused Planar Silicon Transistor 1800V/3mA High-Voltage Amplifier, High-Voltage Switching Applications
|
SANYO
|
2SC4451 0494 |
NPN Triple Diffused Planar Silicon Transistor 1500V/15mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system
|
Sanyo
|
CSC2611 |
1.250W High Voltage NPN Plastic Leaded Transistor. 300V Vceo, 0.100A Ic, 30 - 200 hFE. HIGH VOLTAGE AMPLIFIER AND TV VIDEO OUTPUT
|
Continental Device India Limited
|