PART |
Description |
Maker |
LTC2365IS6-TRMPBF LTC2365IS6-TRPBF LTC2366IS6-TRMP |
3Msps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C 3Msps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO8 1Msps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40° to 125°C 1-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO8 1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MAX1110212 MAX1110312 MAX1110512 MAX1111712 |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
|
Maxim Integrated Products
|
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
CAT34WC02J-TE13 CAT34WC02PA-1.8TE13 CAT34WC02PA-TE |
13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant 2K-Bit I2C Serial EEPROM, Serial Presence Detect 1-Mb (64K x 16) Static RAM 2K-Bit I2C Serial EEPROM/ Serial Presence Detect 1:4 Clock Fanout Buffer 5V, 3.3V, ISR High-Performance CPLDs I2C Serial EEPROM I2C串行EEPROM
|
CATALYST[Catalyst Semiconductor]
|
AD7273 AD7273BRM AD7273BUJ-REEL AD7274BUJ-REEL AD7 |
3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
|
AD[Analog Devices]
|
AD7274 |
3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
|
Analog Devices
|
IS24C02A-3ZLA3 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
天津新技术产业园区管理委员会
|
LTC1092 LTC1093AC LTC1093ACN LTC1092ACN8 LTC1094 L |
1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems 1 - - -通道10位串行I / O数据采集系统 1-/ 2-/ 6- and 8-Channel/ 10-Bit Serial I/O Data Acquisition Systems LinCMOS(TM) Precision Quad Operational Amplifier 14-SOIC -40 to 85
|
Linear Technology, Corp. Linear Technology Corporation http://
|
LTC1412 1412I |
12-Bit, 3Msps, Sampling A/D Converter From old datasheet system
|
Linear
|
W25X10L W25X20L W25X10LSNEG W25X80L W25X80LZPEG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|