PART |
Description |
Maker |
HD14069UB 4069UB |
CERAMIC CHIP/MIL-PRF-55681 Hex Inverter
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
74VHC04MTCX 74VHC04MX 74VHC04N 74VHC04MTC 74VHC04M |
CERAMIC CHIP/MIL-PRF-55681 Hex Inverter
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74AC14TTR 74AC14B 74AC14M 74AC14MTR |
HEX SCHMITT INVERTER CERAMIC CHIP/MIL-PRF-55681
|
SGS Thomson Microelectronics
|
MC74HC04A MC74HC04AN MC74HC04AD |
Hex Inverter CERAMIC CHIP/MIL-PRF-55681 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP14 CERAMIC CHIP/MIL-PRF-55681 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Motorola Mobility Holdings, Inc.
|
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|
74F04 N74F04D N74F04N I74F04N I74F04D I74F04 I74F0 |
Hex inverter - Description: Hex Inverter ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -1/ 20 mA ; Propagation delay: 3.5 ns; Voltage: 4.5-5.5 V; Package: week 5, 2004 F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LCX04M 74LCX04TTR 74LCX04MTR -74LCX04M |
LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS CMOS HEX INVERTER WITH 5V TOLERANT INPUT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
T74LS05 T74LS05B1 T74LS05C1 T74LS05D1 T74LS05D2 T7 |
CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681 STANDARD GAIN HORN; WAVEGUIDE SIZE: WR284; FREQUENCY RANGE: 2.60-3.95; GAIN: 10 dB HEX INVERTER
|
ST Microelectronics STMicroelectronics N.V. 意法半导 SGS-Ates Componenti Electronici STMICROELECTRONICS[STMicroelectronics]
|
MC74VHC04 MC74VHC04D MC74VHC04DT MC74VHC04M MX74VH |
Silver Mica Capacitor; Capacitance:4300pF; Capacitance Tolerance: /- 5%; Series:CD18; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:Yes RoHS Compliant: Yes CERAMIC CHIP/MIL-PRF-55681 From old datasheet system Hex Inverter
|
Motorola, Inc. MOTOROLA[Motorola Inc] ON Semiconductor MOTOROLA[Motorola, Inc]
|
74LVX04MXNL |
Low Voltage Hex Inverter LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
AT89C51RC-24PC AT89C51RC-24AI AT89C51RC-33AC AT89C |
Hex Inverter 14-SSOP -40 to 125 ECONOLINE: RSZ/P - 1kVDC Hex Inverter 14-SOIC -40 to 125 8-bit Microcontroller with 32K Bytes Flash 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|