PART |
Description |
Maker |
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
TSSOPSP3220ECY/TR WSOICSP3220ECT/TR SSOPSP3220ECA/ |
3.0V to 5.5V RS-232 Driver/Receiver Pair Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Sipex Corporation
|
LT1081INPBF |
Advanced Low Power 5V RS232 Dual Driver/Receiver
|
Linear Technology
|
LT1381CSPBF LT1381CSTRPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16
|
Linear Technology, Corp.
|
MAX208IDBE4 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
外设及接
|
CXA1700AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
CXA1854AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
SP385EEA/TR SP385ECA/TR SP385ECT/TR |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sipex Corporation
|
CXA1691BM CXA1691BS CXA1691BM/BS |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C FM/AM Radio
|
SONY[Sony Corporation]
|
AM2168-35DC AM2168-35PC AM2168-35LC AM2169-70/BRA |
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C Single Cell High Current Micropower 600kHz Boost DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators Single Cell Micropower 600kHz PWM DC/DC Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 x4 SRAM x4的SRAM Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
API Delevan
|
CXA1645 CXA1645M CXA1645P CXA1645P_M |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C RGB Encoder From old datasheet system
|
SONY[Sony Corporation]
|