PART |
Description |
Maker |
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74AHCT08PW 74AHC08D 74AHCT08D 74AHCT08 74AHCT08BQ |
Quad 2-input AND gate Rev. 03 ?14 November 2007 Quad 2-input AND gate; Package: SOT762-1 (DHVQFN14); Container: Reel Pack, SMD, 7" AHCT/VHCT/VT SERIES, QUAD 2-INPUT AND GATE, PQCC14 Quad 2-input AND gate 输入与门
|
NXP Semiconductors N.V.
|
M74HC32 M74HC32B1 M74HC32RM13TR M74HC32TTR M74HC32 |
QUAD 2-INPUT OR GATE QUAD 2-INPUT OR GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 20-LCCC -55 to 125
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ACTS08MS ACTS08DMSR FN3994 ACTS08D ACTS08HMSR ACTS |
Radiation Hardened Quad 2-Input AND Gate 辐射加固输入与门 Radiation Hardened Quad 2-Input AND Gate ACT SERIES, QUAD 2-INPUT AND GATE, CDIP14 From old datasheet system AND Gate, 2-Input, Quad, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
MC10H107 MC10H107FN MC10H107L MC10H107P ON0742 MC1 |
From old datasheet system Triple 2-Input Exclusive OR/Exclusive NOR Gate 0.3A, 2.7 to 5.5V Dual (2 Input/ 2 Output) High-Side MOSFET Switch IC, Fault Reporting, 2 Act-Lo En 8-SOIC 0 to 85 10H SERIES, TRIPLE 2-INPUT XOR/XNOR GATE, PQCC20
|
ONSEMI[ON Semiconductor] Motorola, Inc Motorola Mobility Holdings, Inc.
|
M38510/30009B2A M38510/30009BAA M38510/30009BAB M3 |
Single 8-input NAND Gate Dual 4-input NAND Gate Quad 2-input NAND Gate Triple 3-input NAND Gate 3输入与非 Triple 3-input NAND Gate 输入与非
|
ITT, Corp. Linear Technology, Corp. Bel Fuse, Inc.
|
DM74ALS37A DM74ALS37AM DM74ALS37AN |
Quadruple 2-Input NAND Buffers Quadruple 2-Input NAND Buffer ALS SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
DM74AS1032A DM74AS1032AM DM74AS1032AN DM74AS1032AM |
Quadruple 2-Input OR Driver Quad 2-input OR Gate AS SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STRW6251D |
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
|
Allegro Microsystems
|