PART |
Description |
Maker |
VHF36-08IO5 VHF36-12IO5 VHF36-14IO5 VHF36-16IO5 L0 |
Half Controlled Single Phase Rectifier Bridge 28 A, 1400 V, SCR Half Controlled Single Phase Rectifier Bridge 28 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM00-1600V的半桥控制单相位整流带自由滑动的二极管)) Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VVZ12-16IO1 VVZ12-12IO1 VVZ12-14IO1 |
Three Phase Half Controlled Rectifier Bridge 12 A, 1600 V, SCR Three Phase Half Controlled Rectifier Bridge 12 A, 1400 V, SCR Power Modules/Rectifier Bridge Modules: Three Phase, Half-control Rectifier Bridges / Three Phase, Full-control
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
IR21531 IR21531DPBF IR21531S IR21531SPBF IR21531D |
SELF-OSCILLATING HALF-BRIDGE DRIVER Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 0.6us Deadtime in a 8-pin DIP package and differenct phase Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 0.6us Deadtime in a 8-lead SOIC package and different phase
|
IRF[International Rectifier]
|
IR2153D IR2153DS IR2153S IR2153DPBF IR2153PBF IR21 |
Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead SOIC package with bootstrap diode Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead PDIP package Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package with bootstrap diode From old datasheet system SELF-OSCILLATING HALF-BRIDGE DRIVER DUAL MOSFET DRIVER,CMOS,DIP,8PIN,PLASTIC
|
International Rectifier
|
VHFD37-16IO1 VHFD37-08IO1 VHFD37-12IO1 VHFD37-14IO |
Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes 31 A, 1600 V, SCR Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes 31 A, 1200 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IR2152S IR2152STR |
Half Bridge Driver. LO Out of Phase with RT. Programmable Oscillating Frequency. 1.2us Deadtime in a 8-lead SOIC package DUAL MOSFET DRIVER,CMOS,SOP,8PIN,PLASTIC From old datasheet system Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead SOIC package Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package
|
International Rectifier
|
3TA200GK03NB 3TA200GK04NB 3TA200GKXXNB |
Three Phase Half Bridge
|
Sirectifier Semiconductors
|
3TA60GKXXNB 3TA60GK03NB 3TA60GK04NB |
Three Phase Half Bridge
|
Sirectifier Semiconductors
|
PSBH25 |
Single Phase Half Controlled Rectifier Bridge
|
Powersem GmbH
|