PART |
Description |
Maker |
KO3402 AO3402 |
VDS (V) = 30V ID= 4 A RDS(ON) 55m (VGS = 10V) RDS(ON) 70m (VGS = 4.5V)
|
TY Semiconductor Co., Ltd
|
SI8822 |
VDS (V) = 20V ID = 7A (VGS=10V) Drain-Source Voltage VDS 20 V
|
TY Semiconductor Co., L...
|
KI4558DY |
PIN Configuration Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
24C16 ST25C16 ST25C16B1TR ST25C16B3TR ST25C16B5TR |
MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-6.4A; Package/Case:PowerPAK 1212-8 16千位串行I2C总线的EEPROM与用户定义的块写保护 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16千位串行I2C总线的EEPROM与用户定义的块写保护 MOSFET, DUAL NN POWERPAKMOSFET, DUAL NN POWERPAK; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:100V; Case style:PowerPak SO-8; Current, Id cont:1.8A; Current, Idm pulse:10A; Power, Pd:1.3W; Resistance, Rds MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.6A; On-Resistance, Rds(on):0.065ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:MICRO FOOT; Leaded Process Compatible:No MOSFET, DUAL, PP, POWERPAK; Transistor type:MOSFET; Current, Id cont:7A; Resistance, Rds on:0.02R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak; Charge, gate p channel:49nC; Current, Idm pulse:30A; Depth, RoHS Compliant: Yes (ST2xxx) 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16/8/4/2/1KbitSerialICBusEEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PST993 PST993C PST993D PST993E PST993F PST993G PST |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-2.2A; On-Resistance, Rds(on):0.1ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23; Leaded Process Compatible:No MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:2.2A; Resistance, Rds on:0.1R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:2.2A; Current, Idm pulse:10A; Marking, SMD:L1; Pins, No. RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:2.1A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:SOT-23; Leaded Process Compatible:No System Reset
|
MITSUMI ELECTRIC CO LTD ETC[ETC] Mitsumi Electronics, Corp.
|
KI1902DL |
Drain-source voltage Vds 20V Gate-source voltage Vgs -12V
|
TY Semiconductor Co., L...
|
KI1400DL |
Drain-source voltage VDS 20 V Gate-source voltage VGS -12 V
|
TY Semiconductor Co., L...
|
SI9926BDY |
Drain-Source Voltage VDS V Gate-Source Voltage VGS -10 V
|
TY Semiconductor Co., Ltd
|
FTD2011 |
Drain-Source Voltage VDS 20 V Gate-Source Voltage VGS -10 V
|
TY Semiconductor Co., Ltd
|
NDH854P |
Length/Height 1.02 mm Width 4.55 mm Depth 4.06 mm Power dissipation 1.8 W Transistor polarity P Channel Current Id cont. 5.1 A Voltage Vgs th max. 4.5 V Voltage Vds max 30 V P-Channel Enhancement Mode Field Effect Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
SI2304DS |
30 0.117 @ VGS = 10 V 0.190 @ VGS = 4.5 V
|
TY Semiconductor Co., Ltd
|