PART |
Description |
Maker |
600S-N048 800S-N048 600S-N024 800S-N024 600S-N003 |
Input voltage 90-130 VAC;output voltage 48 VDC;output current:12 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 48 VDC;output current:16 A; 800 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 24 VDC;output current:25 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 24 VDC;output current:33 A; 800 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 3.3 VDC;output current:100 A; 600 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 15 VDC;output current:40 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 15 VDC;output current:53 A; 800 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 5 VDC;output current:100 A; 600 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 12 VDC;output current:50 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 12 VDC;output current:66 A; 800 W enclosed parallel power supply
|
FranMar International
|
ADR420 ADR421 ADR431 ADR391 |
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
|
Analog Devices
|
AD5583YRVZ-REEL AD5582YRVZ-REEL AD5582YRV-REEL AD5 |
15 V, Quad, Parallel Input, 12-Bit D/A Converter 15V, Quad, Parallel Input, 10-Bit D/A Converter Voltage-output 8-bit digital-to-analog converter, including output amplifier, full microprocessor interface and precision PARALLEL, WORD INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, PDSO48 MO-153ED, TSSOP-48 PARALLEL, WORD INPUT LOADING, 5 us SETTLING TIME, 10-BIT DAC, PDSO48 MO-153ED, TSSOP-48
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD5344 AD5340BRU AD5341 AD5330 AD5331 AD5331BRU AD |
Dual 12-bit 65MSPS ADC with serialized LVDS Output 48-VQFN -40 to 85 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 10-BIT DAC, PDSO20 2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs 2.5 V.5 V15微安,并行接口单电压输出DAC-/10-/12-Bit 2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs PARALLEL, WORD INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO20
|
Analog Devices, Inc.
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
AD5333BRU AD5332BRU AD5343 AD5301 |
2.5 V to 5.5 V. 230 uA. Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs DUAL, PARALLEL, 8 BITS INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO20 2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs DUAL, PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 10-BIT DAC, PDSO24 2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
|
Analog Devices, Inc.
|
MC54HC589A MC54_74HC589A ON1481 |
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output 8-BIT SERLAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER WITH 3-STATE OUTPUT From old datasheet system
|
MOTOROLA[Motorola Inc] ON Semi
|
AD5347 AD5348 AD5346 AD5346BRU-REEL7 AD5347BRU-REE |
Dual 12-bit 80MSPS ADC with serialized LVDS output 48-VQFN -40 to 85 Dual 12-bit 105MSPS ADC with serialized LVDS output 48-VQFN -40 to 85 PARALLEL, 8 BITS INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO38 Dual 14-bit 65MSPS ADC with serialized LVDS Output 48-VQFN -40 to 85 PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 10-BIT DAC, PDSO38 Dual 12-bit 125MSPS ADC with serialized LVDS output 48-VQFN -40 to 85 PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 10-BIT DAC, QCC40 2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 12-Bit D/A Converter PARALLEL, WORD INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO38 Dual 12-bit 105MSPS ADC with serialized LVDS output 48-VQFN -40 to 85 PARALLEL, 8 BITS INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, QCC40
|
Analog Devices, Inc.
|
TC4021BF TC4021BFN TC4021BP E400007 TC4021 |
From old datasheet system 8-STAGE STATIC SHIFT REGISTER (ASYNCHRONOUS PARALLEL INPUT OF SYNCHRONOUS SERIAL INPUT SERAL INPUT/SERIAL OUTPUT)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
DAC16GBC DAC16GS DAC16FP DAC16FS DAC16 DAC16GSZ |
16-Bit High Speed Current-Output DAC 16-Bit High Speed Current-Output DAC PARALLEL, WORD INPUT LOADING, 0.5 us SETTLING TIME, 16-BIT DAC, PDSO24
|
AD[Analog Devices] Analog Devices, Inc.
|
MC54HC597AJ |
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with Input Latch HC/UH SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16
|
Motorola Mobility Holdings, Inc.
|
WE300M WE400M WE320M WE300 WE301 WE301M WE320 |
DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 2.5 VDC. Output current 5000 mA. Input current 30 mA(no load), 645 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 5 VDC. Output current 4000 mA. Input current 20 mA(no load), 992 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 3.3 VDC. Output current 5000 mA. Input current 20 mA(no load), 828 mA(full load). DC to DC Converter
|
International Power Sources
|
|