PART |
Description |
Maker |
AD5304ARM AD5304ARM-REEL7 AD5314ARM AD5324ARM |
2.5 V to 5.5 V, 500 µA, Quad Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package 2.5 V to 5.5 V, 500 µA, Quad Voltage Output 10-Bit DAC 2.5 V to 5.5 V, 500 µA Quad Voltage Output 12-Bit DAC
|
Analog Devices
|
AD5334BRUZ AD5344BRUZ |
2.5V to 5.5V, 500µA Quad Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 24-lead TSSOP 2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC
|
AD9694 |
14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
|
Analog Devices
|
IDT54FCT162344ETPVB IDT54FCT162344AT IDT54FCT16234 |
CAP 330UF 10V 10% TANT SMD-7260-38 TR-7-PL GOLD LOWESR-250 FCT SERIES, QUAD 2-BIT DRIVER, TRUE OUTPUT, PDSO56 CAP 220UF 16V 20% TANT SMD-7260-38 TR-7-PL GOLD LOWESR-500 FCT SERIES, QUAD 2-BIT DRIVER, TRUE OUTPUT, PDSO56 CAP 220UF 16V 20% TANT SMD-7260-38 TR-7-PL SN100% LOWESR-500 快速CMOS地址/时钟驱动 CAP 22UF 16V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-350 快速CMOS地址/时钟驱动 FAST CMOS ADDRESS/ CLOCK DRIVER 快速CMOS地址/时钟驱动 CAP 22UF 25V 10% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-1000 快速CMOS地址/时钟驱动 CONNECTOR ACCESSORY 连接器附 CAP 22UF 6V 10% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-500 快速CMOS地址/时钟驱动 CAP 330UF 6V 20% TANT SMD-7260-38 TR-7-PL SN100% LOWESR-250 CAP 22UF 4V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-500 ROHS-GUARANTEED CAP 22UF 6V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-500
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
HAC500P HAC500P-490 |
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
TPAC500P HAC500P-490 |
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC500P SERIES
|
TOTAL-POWER[Total Power International]
|
P295BJ182M500A |
Film, Metallized Paper, Safety, P295, 1800 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
|
Kemet Corporation
|
P5KE6.0 P5KE6.0A P5KE6.5 P5KE6.5A P5KE14A P5KE14 P |
500 Watt Transient Voltage Suppressors 5.0 to 170 Volts 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components] Micro Commercial Compon...
|
P295BL272M500A |
Film, Metallized Paper, Safety, P295, 2700 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
|
Kemet Corporation
|
MAX1977 MAX1977EEI MAX1777 MAX1999EEI |
High-Efficiency / Quad Output / Main Power- Supply Controllers for Notebook Computers High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO28
|
Maxim Integrated Products, Inc.
|
ADL5534-EVALZ ADL5534ACPZ-WP |
20 MHz to 500 MHz IF Gain Block 20 MHz00 MHz的中频增益模 20 MHz to 500 MHz IF Gain Block 20 MHz - 500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
Analog Devices, Inc.
|
DDTD114GU-7-F DDTD133HU-7-F DDTD113EU DDTD113ZU DD |
Prebiased Transistors 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated Diodes Inc.
|