PART |
Description |
Maker |
HYB514175BJ-50- Q67100-Q2100 HYB514175BJ-55 HYB514 |
256k x 16-Bit EDO-DRAM 256k x 16位江户的DRAM 256k × 16-Bit Dynamic RAM(256k × 16动RAM) 256k × 16位动态随机存储器56k × 16位动态内存)
|
SIEMENS AG
|
MBM29LV400BC-55PCV MBM29LV400BC-55PBT MBM29LV400TC |
FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT 256K X 16 FLASH 3V PROM, 90 ns, PBGA48 FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT 256K X 16 FLASH 3V PROM, 55 ns, PBGA48 FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT 256K X 16 FLASH 3V PROM, 70 ns, PBGA48 FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT 256K X 16 FLASH 3V PROM, 55 ns, PDSO48
|
Spansion Inc. Spansion, Inc.
|
MX27C4111 MX27C4111MC-10 MX27C4111MC-12 MX27C4111M |
4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE 256K X 16 OTPROM, 90 ns, PDIP40 SIGN, NO SMOKING, 250X350MM, RP; RoHS Compliant: NA
|
Macronix International Co., Ltd. PROM MCNIX[Macronix International]
|
MX29LV400BXBI-70 MX29LV400TXBI-70 MX29LV400TXBC-55 |
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY COG Technology, 240 x 160 pixel format 240 x 160 pixel format, Available with EL Backlight CB 26C 26#16 PIN PLUG 4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 16 FLASH 3V PROM, 90 ns, PBGA48
|
Macronix International Co., Ltd. PROM http://
|
MBM29LV400TC MBM29LV400TC-12 MBM29LV400TC-12PBT MB |
4M (512K X 8/256K X 16) BIT
|
FUJITSU[Fujitsu Media Devices Limited]
|
MBM29DL400TC MBM29DL400TC-90 MBM29DL400BC MBM29DL4 |
4M (512K X 8/256K X 16) BIT
|
FUJITSU[Fujitsu Media Devices Limited]
|
MBM29LV400T MBM29LV400B |
CMOS 4M (512K ×8/256K×16) Falsh Memory(512K ×8/256K×16V 电源电压闪速存储器) 的CMOS 4分(12k × 8/256K × 16Falsh存储器(12k × 8/256K × 16位单5V的电源电压闪速存储器
|
Fujitsu Limited Fujitsu, Ltd.
|
AM29DL400BT-120FC AM29DL400BT-80FCB AM29DL400BT-90 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 80 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只,同时作业快闪记忆 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 70 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 80 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 70 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 80 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 90 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 90 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 90 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 90 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PDSO44
|
http:// ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
MCM63P837ZP200R MCM63P919ZP200R MCM63P837ZP200 MCM |
512K X 18 CACHE SRAM, 3 ns, PBGA119 512K X 18 CACHE SRAM, 2.6 ns, PBGA119 256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
|
FREESCALE SEMICONDUCTOR INC Motorola, Inc
|
MBM29F400BC-90PF MBM29F400BC-90PFTN MBM29F400TC MB |
FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
|
SPANSION[SPANSION]
|
MCM63Z834ZP10 MCM63Z916ZP10 MCM63Z834ZP10R MCM63Z9 |
256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
|
Motorola, Inc
|
EN29LV400A EN29LV400AB-70BIP EN29LV400AB-70TIP EN2 |
4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
|
ETC Eon Silicon Solution Inc.
|