PART |
Description |
Maker |
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
MC33363 MC33363DW |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
Motorola ON Semiconductor
|
LT1370 LT1370HVCR LT1370CT7 |
500kHz High Efficiency 6A Switching Regulator Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7 Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PZFM7
|
Linear Technology Corporation Linear Technology, Corp.
|
L6902D04 L6902D013TR L6902D E-L6902D |
3.2 A SWITCHING REGULATOR, 287 kHz SWITCHING FREQ-MAX, PDSO8 UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
|
STMICROELECTRONICS[STMicroelectronics]
|
MM3010 MM3005C MM3005 MM3006 MM3009 MM3008 MM3005A |
0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 CMOS Switching Regulator (PWM controlled)
|
MITSUMI ELECTRIC CO LTD MITSUMI[Mitsumi Electronics, Corp.]
|
MIC2570 MIC2570-1B MIC2570-2B MIC2570-2BM MIC2570- |
Two-Cell Switching Regulator Preliminary Information 1 A SWITCHING REGULATOR, 20 kHz SWITCHING FREQ-MAX, PDSO8
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] http://
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
BD8960NV-E2 BD8960NV10 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
LT3481IMSEPBF LT3481HMSETRPBF |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT3972EDD-PBF LT3972IDD-PBF LT3972EMSE-PBF LT3972E |
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current, MSOP-10 6.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75μA Quiescent Current
|
Linear Technology, Corp.
|