PART |
Description |
Maker |
CAT34FC02GYITE13REVE CAT34FC02UITE13REVE CAT34FC02 |
2-kb I2C Serial EEPROM, Serial Presence Detect The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
CATALYST[Catalyst Semiconductor]
|
LS110 |
Supports RS232 based serial devices via its DB9 serial port
|
DB Lectro Inc
|
CAT24FC01 CAT24FC01JETE13REV-F CAT24FC01JITE13REV- |
1-kb I2C Serial EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
CATALYST[Catalyst Semiconductor]
|
CAT24FC256_05 CAT24FC256 CAT24FC256GLA-1.8TE13 CAT |
256K-Bit I2C Serial CMOS EEPROM 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, MS-001, DIP-8 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
http:// CATALYST[Catalyst Semiconductor] Ecliptek, Corp.
|
CAT24C03LIT3 CAT24C05 CAT24C03YI-GT3 CAT24C05YIT3 |
2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO5
|
http:// CATALYST[Catalyst Semiconductor]
|
MAX1239MEEE MAX1239KEEET MAX1239EEE MAX1237KEUA |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V / Low-Power / 4-/12-Channel / 2-Wire Serial / 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
24C128 AT24C128 AT24C128-10CC AT24C128-10CC-1.8 AT |
2-WireSerialEEPROMs 128 x 64 pixel format, LED or EL Backlight available BOX WATERTIGHT 4.70X4.70X1.1,1 Triple 3-Input Positive-NOR Gate 14-TSSOP -40 to 85 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 122 x 32 pixel format, Compact LCD size Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SSOP -40 to 85 Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SOIC -40 to 85 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs 2线串行EEPROM 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-Wire Serial EEPROMs 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs
|
http:// ATMEL[ATMEL Corporation] ATMELCorporation Atmel Corp. Atmel, Corp.
|
MAX189BC/D MAX187AEWE MAX187BC/ MAX189AEWE MAX187A |
5V, Low-Power, 12-Bit Serial ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 5V / Low-Power / 12-Bit Serial ADCs LJT 12C 8#20 4#16 PIN PLUG Circular Connector; No. of Contacts:22; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:13-35 RoHS Compliant: No 5V, Low-Power, 12-Bit Serial ADCs
|
ADC Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
CAT24WC03LTE13 CAT24WC05LTE13 CAT24WC03GLTE13 CAT2 |
2K/4K-Bit Serial EEPROM with Partial Array Write Protection 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 GREEN, MO-187AA, MSOP-8 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 GREEN, MO-187AA, MSOP-8
|
Catalyst Semiconductor http://
|
UCN5821 UCN5821A UCN5821LW UCN5822 UCN5822A UCN582 |
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS BiMOS II 8位串行输入,锁存驱动 (UCN5822) BiMOS II 8-BIT SERIAL-INPUT / LATCHED DRIVERS Darlington Bipolar Transistor; Power Dissipation, Pd:150W BiMOS II 8位串行输入,锁存驱动 BiMOS II 8-Bit Serial-Input, Latched Driver(50V输出电压,BiMOS II 8位串行输入锁存驱动器)
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|