PART |
Description |
Maker |
AP4525GEH |
30V N-Channel PowerTrench MOSFET 15 A, 40 V, 0.028 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, TO-252 N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
APT18F60B APT38F80L APT29F100L APT29F80J APT21M100 |
15 A, 600 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AB ROHS COMPLIANT, 3 PIN 22 A, 800 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA ROHS COMPLIANT, T-MAX, 3 PIN 1000V, 29A, 0.46Max, trr ÷270ns N-Channel FREDFET 17 A, 1000 V, 0.46 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power FREDFET; Package: ISOTOP®; ID (A): 31; RDS(on) (Ohms): 0.21; BVDSS (V): 800; 44 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET 31 A, 1000 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 14; RDS(on) (Ohms): 0.98; BVDSS (V): 1000; 53 A, 600 V, 0.62 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi, Corp. MICROSEMI CORP
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
SI4410DYPBF SI4410DYTRPBF |
N-Channel MOSFET 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA LEAD FREE, SO-8 HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
Hypertronics, Corp. International Rectifier
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
IXTQ18N60P IXTV18N60P |
MOSFET N-CH 600V 18A TO-3P 18 A, 600 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
|
IXYS, Corp. IXYS Corporation
|
|