PART |
Description |
Maker |
PIC16F630 PIC16F676 PIC12F630 PIC16F676PIC16F630 1 |
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers (PIC12F676 / PIC12F630) 14-Pin Flash Based 8-Bit CMOS Microcontrollers IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,14PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
PIC16F747-I/ML PIC16F747-I/P PIC16F747-I/PT PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 word instructions) CMOS FLASH-based 8-bit microcontroller ... 28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip
|
PIC16F87X01 P16F877 PIC16LF873 PIC16F876-20I/SOD85 |
8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SO-28 (PIC16LF87x) 8-Bit CMOS Flash Microcontrollers DMOS MICROSTEPPING DRVR W/TRANSLATOR 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP44
|
HIROSE ELECTRIC Co., Ltd. Microchip Technology Inc. http://
|
AM29LV104BT-90JIB AM29LV104B AM29LV104BB-120EC AM2 |
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector 32-Pin Flash Memory IC SMT S-RAM 128KX8 IS62C1024L SWITCH KEYLOCK SPDT MOM 4A 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 4兆位12亩8位).0伏的CMOS只,引导扇区32引脚闪存
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc.
|
PIC12F629-I/MF PIC12F629-I/P PIC12F675T-E/MF PIC12 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into an 8-pin package and featur 8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory
|
Microchip
|
PIC16F874A-E/L PIC16F874A-E/ML PIC16F874A-E/P PIC1 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin Enhanced FLASH Microcontrollers
|
Microchip
|
PIC16HV785T-E/ML PIC16F785T-E/ML PIC16HV785T-I/ML |
20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20
|
Microchip Technology
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
PIC16F872 PIC16F872_SO PIC16F872_SP PIC16F872_SS P |
28-Pin, 8-Bit CMOS FLASH Microcontroller
|
Microchip Technology
|
PIC16LF77I_SS |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology
|
PIC16F870 PIC16F870_L PIC16F870_P PIC16F870_PQ PIC |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
MICROCHIP[Microchip Technology]
|