PART |
Description |
Maker |
102100-1 |
.156 Inch Centerline-Cable to Board AMPMODU .031 x .062 Interconnection System (Mod I); MOD I RECP PLTD 15 SEL ( AMP )
|
Tyco Electronics
|
ZXMP3A16DN8TC ZXMP3A16DN8 ZXMP3A16DN8TA |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 双P沟道增强型MOSFET0V DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 4200 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
LS4D18-270-RN LS4D18-3R3-RN LS4D18-560-RN LS4D18-2 |
Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L PDIP 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD 10.0mV Dual N-Channel Matched Pair MOSFET Array, Enhancement Mode, 8L CDIP 1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR, SMD 10.0mV Dual P-Channel Matched Pair MOSFET Array, Enhancement Mode, 8L CDIP 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR, SMD Dual N-Channel Programmable Matched Pair MOSFET Array, Enhancement Mode, 8L PDIP, EPAD Enabled 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L MSOP Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L SOIC
|
http:// ICE Components, Inc. ICE COMPONENTS INC
|
UT4812Z UT4812ZG-S08-R |
DUAL N-CHANNEL ENHANCEMENT MODE 30 V, 0.028 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HALOGEN FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
DMG1024UV DMG1024UV-7 DMG1024UV-15 |
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET 1390 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-6
|
Diodes Incorporated Diodes, Inc.
|
CMLDM8002A CMLDM8002AJ |
SURFACE MOUNT PICOmini DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 0.28 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
DMP2066LSD-13 |
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET 5.8 A, 20 V, 0.04 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET GREEN, PLASTIC, SOP-8
|
Diodes Incorporated Diodes, Inc.
|
NTE2976 |
Dual Channel, 1/1, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
NTE2959 |
Dual Channel, 2/0, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
|