PART |
Description |
Maker |
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BSS138DW09 BSS138DW-7-F |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR MOSFET DUAL N-CHAN 50V SOT363 200 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
BL-BJ73V4V |
Dual N-Channel & Dual P-Channel Matched MOSFET Pair, Enhancement Mode, 14L CDIP
|
Bright LED Electronics Corp.
|
LS4D18-270-RN LS4D18-3R3-RN LS4D18-560-RN LS4D18-2 |
Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L PDIP 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD 10.0mV Dual N-Channel Matched Pair MOSFET Array, Enhancement Mode, 8L CDIP 1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR, SMD 10.0mV Dual P-Channel Matched Pair MOSFET Array, Enhancement Mode, 8L CDIP 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR, SMD Dual N-Channel Programmable Matched Pair MOSFET Array, Enhancement Mode, 8L PDIP, EPAD Enabled 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L MSOP Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L SOIC
|
http:// ICE Components, Inc. ICE COMPONENTS INC
|
NDH8304 NDH8304P |
Dual P-Channel Enhancement Mode Field Effect Transistor2.7A20V0.07Ω双P沟道增强型场效应管(漏电2.7A, 漏源电压-20V,导通电0.07Ω 2700 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NDS9952ANL |
Dual N & P-Channel Enhancement Mode Field Effect Transistor 3.7 A, 30 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
ZXMD63N02 ZXMD63N02X ZXMD63N02XTC ZXMD63N02XTA |
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET 2400 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
NTTD1P02R2 NTTD1P02 |
Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package(-1.45 A, -20 V,双P通道,增强模式,Micro8封装的功率MOSFET) 1450 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
NTE2958 NTE2957 |
Dual Channel, 2/0, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
ZXMN3A06DN8TC ZXMN3A06DN8TA ZXMN3A06DN802 ZXMN3A06 |
DUAL 30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET Dual N-channel MOSFET
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
|