PART |
Description |
Maker |
PM49FL002 PM49FL002T-33VC PM49FL002T-33VCE PM49FL0 |
2 Mbit / 4 Mbit 3.3 Volt-only Fimware Hub / LPC Flash Memory 2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory 2兆位/ 4兆位3.3伏,只固件集线器/ LPC快闪记忆
|
Programmable Microelectronics PMC-Sierra, Inc.
|
28F008S5 28F016S5 |
16-MBIT 5V FlashFile Memory(16MV闪速存储器) 8-MBIT 5 VOLT FlashFile Memory(8MV闪速存储器) 8兆位5伏FlashFile内存00万位5V的闪速存储器
|
Intel Corp. Intel, Corp.
|
EN29PL064-70TIP |
64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
|
http://
|
MX23L1611TI-12 23L1611-10 23L1611-12 MX23L1611 MX2 |
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
|
MCNIX[Macronix International]
|
AM42DL3244GB25IT AM42DL3234GB25IT AM42DL3224GB25IT |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位56亩16位),静态存储器
|
Advanced Micro Devices, Inc.
|
M58LR128GU |
The M58LR128GU/L and M58LR256GU/L are 128 Mbit (8 Mbit x16) and 256 Mbit (16 Mbit
|
ST Microelectronics, Inc.
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|
EN29PL032A-70TIP |
32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
|
Eon Silicon Solution Inc.
|
S25FL032P |
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
|
SPANSION
|
AM42BDS6408G |
64 Mbit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst mode Flash Memory and 8 Mbi From old datasheet system
|
AMD Inc
|
S25FL128K |
128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
|
SPANSION
|