PART |
Description |
Maker |
ML5800 ML580006 |
5.8GHz Low-IF 1.5Mbps FSK Transceiver
|
Micro Linear Corporation
|
A7101 |
2.4GHz FSK Transceiver
|
AMIC Technology
|
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT6600-2.5 LT6600-15 LT6600-10 LT6600-20 LTC6400-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology
|
SL6679TP1N SL6679KG MITELNETWORKSCORPORATION-SL667 |
Direct Conversion FSK Data Receiver 2-7V; direct conversion FSK data receiver. For pagers, including credit card, PCMCIA and watch pagers, low data rate receivers
|
Mitel Semiconductor
|
RF2472_06 RF2472 RF2472G RF2472PCBA-410 RF2472PCBA |
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
|
RFMD[RF Micro Devices]
|
RF2472 |
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
|
RF MICRO DEVICES
|
EFA480C-SOT89 |
DC-4GHz Low Distortion GaAs Power FET
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Excelics Semiconductor
|
SP5748 312 |
2.4GHz Very Low Phase Noise PLL From old datasheet system
|
Zarlink
|
ATR2406-DEV-KIT2 |
Low-IF 2.4-GHz ISM Transceiver 低中频的2.4GHz ISM收发
|
Atmel Corp. Atmel, Corp.
|
MAX1471 MAX1471ATJ |
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|