PART |
Description |
Maker |
MIC5201-4.8BS MIC5201-3.3BM MIC5201-3.3BS MIC5201- |
Replaced by PTN78060W,PTN78060H : Unshielded Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:No; Conductor Material:Copper RoHS Compliant: Yes Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 200mA Low-Dropout Voltage Regulator 4.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
MIC5020 MIC5020BM MIC5020BN |
Replaced by PTN78060W : Current-Sensing Low-Side MOSFET Driver
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MIC50399CN MIC50398 MIC50398CN MIC50398/MIC50399 |
Replaced by PTN78060W,PTN78060H : 50398 SERIES, SYN POSITIVE EDGE TRIGGERED 6-BIT BIDIRECTIONAL DISPLAY DRIVER COUNTER, PDIP28 Six Decade Counter / Display Decoder
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
UF3DB |
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
|
Yea Shin Technology Co....
|
MAX1818 MAX1818EUAT MAX1818EUT15 MAX1818EUT18 MAX1 |
500mA Low-Dropout Linear Regulator in SOT23 Analog IC Replaced by TMS320VC5506 : Digital Signal Processors 144-LQFP Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
S29WS256N0LBAI010 S29WS256N0PBFI013 S29WS064N0LBAW |
Replaced by PTB78520W : 16M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 Replaced by PTB48510C : 16M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY 8M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 3.3Vout 30W 48V-Input Isolated DC-DC Converter 19-SIP MODULE -40 to 85 8M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 Replaced by PTB48560A : 25-WATT TRIPLE OUTPUT 48V-INPUT ISOLATED DC/DC CONVERTER FOR DSL 20-SIP MODULE 256/128/64兆位的CMOS 1.8伏只有同时读/写突发模式闪 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY 4M X 16 FLASH 1.8V PROM, 70 ns, PBGA80 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY 256/128/64兆位的CMOS 1.8伏只有同时读/写突发模式闪 Replaced by PTB48560C : 9V 30 Watt 48V-Input Isolated DC/DC Converter 19-SIP MODULE 8M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 LED SMT_ULED4 MICROLED RED/GREEN FOR USE WITH OPTOPIPE
|
Spansion, Inc. Spansion Inc.
|
MC33199 |
Replaced by TLE2161 : Low-Noise Operational 8-CDIP -55 to 125
|
Motorola, Inc.
|
AN1100 |
ST10X167/F168 REDUCING A TO D CONVERSION ERROR - 19/10/1998 (OBSOLETE, REPLACED BY AN1493)
|
SGS Thomson Microelectronics
|
MAX5932 MAX5932ESA |
Replaced by SN54LS299 : 8-Bit Universal Shift/Storage Registers 20-CDIP -55 to 125 MAX5932 Evaluation Kit
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX1823EUB MAX1823HEUB MAX1823BEUB MAX1823AEUB MAX |
4 V to 5.5 V, dual USB switch with fault blanking and autoreset Replaced by TMS320BC52 : Digital Signal Processors 100-LQFP
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
K4S64323LF-DN15 K4S64323LF-DN15-PB K4S64323LF-DN1H |
2M X 32 SYNCHRONOUS DRAM, 9 ns, PBGA90 Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 14-SOIC 0 to 70 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 14-SOIC 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 8-PDIP 0 to 70 2Mx32移动SDRAM 90FBGA Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 2Mx32移动SDRAM 90FBGA Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 20-LCCC -55 to 125 2Mx32移动SDRAM 90FBGA 2Mx32 Mobile SDRAM 90FBGA 2Mx32移动SDRAM 90FBGA Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|