PART |
Description |
Maker |
MBR1630CT MBR1635CT MBR1640CT MBR1645CT MBR1660CT |
16 Amp Schott ky Barr ier Rectifier 20 to 60 Volts
|
Micro Commercial Compon... Micro Commercial Components Corp.
|
MBR1030CT08 MBR1040CT MBR1035CT MBR1060CT MBR1045C |
10 Amp Schott ky Barrier Rectifier 30-60 Volts
|
Micro Commercial Components
|
MBR10100CT |
10 Amp Schott ky Barrier Rectifier 80-100 Volts
|
Micro Commercial Components
|
GBJ25005-BP GBJ2504-BP GBJ2510-BP GBJ2502-BP GBJ25 |
RECT BRIDGE GPP 25A 50V GBJ 25 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 400V GBJ 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 1000V GBJ 25 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 200V GBJ 25 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
MBRB8100 MBRB830 MBRB880 MBRB820 MBRB840 MBRB850 M |
Schott ky Barrier Rectifier 20 to 100 Volts 8.0 Am p
|
MCC[Micro Commercial Components]
|
K4S643232E-TN70 K4S643232E-TE50 K4S643232E- K4S643 |
LED ORANGE DIFFUSED 2X5 RECT 200万32内存12k × 32 × 4银行同步DRAM LVTTL.3 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V) 200万32内存12k × 32 × 4银行同步DRAM LVTTL.3 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V) 200万32内存12k × 32 × 4银行同步DRAM LVTTL3.3 LED ORANGE DIFFUSED 2X5 RECT CONNECTOR ACCESSORY LED ORG/RED DIFFUSED 2X5MM RECT -2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
SSL-LX4673HGW-LA20 |
QUASARBRITE 4mm X 7mm RECT LED
|
LUMEX INC.
|
NCP1422 |
Sync-Rect PFM Step-Up DC-DC Converter
|
ON Semiconductor
|
NCP1423 |
Sync-Rect PFM Step-Up DC-DC Converter
|
ON Semiconductor
|
DRD3E DRD3G DRD3 DRD3B DRD3C |
DIODE 1N4002 RECTIFYING RECT, SILCN, 50V, DO-41 3.0A Reverse Blocking Thyristor
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
NCP1421-D |
500 mA Sync-Rect PFM Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
|
ON Semiconductor
|