PART |
Description |
Maker |
M29F800D |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 5V SUPPLY FLASH MEMORY
|
STMicroelectronics
|
M29W800DB90N1 |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
SGS Thomson Microelectronics
|
29F800 M29F800AB M29F800AT -M295V800AB90N3T M295V8 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series II; Body Material:Metal; Series:JT; No. of Contacts:28; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight RoHS Compliant: No 8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory 8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Single Supply Flash Memory
|
ST Microelectronics 意法半导 STMicroelectronics
|
M29W800AT04 |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
|
STMicroelectronics
|
M27W800-150K6TR M27W800 M27W800-100B6TR M27W800-10 |
8 Mbit (1Mb x 8 or 512Kb x 16), Low Voltage UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM 8兆8512KB × 16低压紫外线存储器和OTP存储 81兆812KB × 16低压紫外线存储器和OTP存储 8 MBIT (1MB X 8 OR 512KB X 16) LOW VOLTAGE UV EPROM AND OTP EPROM 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M36W832TE70ZA1T M36W832TE85ZA1T M36W832TE-ZAT M36W |
SPECIALTY MEMORY CIRCUIT, PBGA66 32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
|
SGS Thomson Microelectronics NUMONYX 意法半导 ST Microelectronics
|
M36W216BI70ZA1T M36W216TI70ZA1T M36W216TI85ZA1T M3 |
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16 MBIT (1MB X16, BOOT BLOCK) FLASH MEMORY AND 2 MBIT (128K X16) SRAM, MULTIPLE MEMORY PRODUCT 16 Mbit 1Mb x16 / Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM / Multiple Memory Product
|
ST Microelectronics
|
M29W160 M29W160BB M29W160BB120N1T M29W160BT120M6T |
16 Mbit 2Mb x8 or 1Mb x16 / Boot Block Low Voltage Single Supply Flash Memory 16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory 16兆位Mb x8兆x16插槽,引导块低压单电源闪
|
ST Microelectronics IXYS, Corp. STMicroelectronics N.V.
|
M28W800CT M28W800CB M28W800CT100N1T M28W800CT100N6 |
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory 8 MBIT (512KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
STMICROELECTRONICS[STMicroelectronics]
|
M27V800 |
8Mbit (1Mb x8 or 512Kb x16) Low Voltage UV EPROM and OTP EPROM(8Mb低压UV EPROM和OTP EPROM)
|
意法半导
|