PART |
Description |
Maker |
IR1150 IR1150PBF IR1150ISTRPBF |
One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Consumer market One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Industrial market.
|
International Rectifier
|
H66T19AA H66T19BA H66T32BA H66T68AA H66T68 H66T68B |
64-Note ROM memory Dynamic speaker can be driven with external NPN transistor CMOS LSI DESIGNED FOR USE IN DOOR BELL/ TELEPHONE AND TOY CMOS LSI DESIGNED FOR USE IN DOOR BELL, TELEPHONE AND TOY
|
MICRO-ELECTRONICS[Micro Electronics] HSMC Hi-Sincerity Mocroelectronics Hi-Sincerity Microelectronics
|
KIC9321F-008 |
CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系统FM/MW/LW波段调谐的CMOS大规模集成电 CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系FM/MW/LW波段调谐的CMOS大规模集成电 的CMOS大规模集成电路设计调中波/龙运的锁相环频率合成系统的无线电(用于锁相环频率合成系统调频/中波/龙运波段调谐的的CMOS大规模集成电路)
|
KEC Holdings
|
1240P500R00JKB 1240W500R00JKB 1240X500R00JKB 1240W |
Bulk Metal? Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal庐 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal垄莽 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to
|
Vishay Siliconix
|
PE-53816SNLT PE-53826SNL PE-53826SNLT PE-53806SNL |
1 ELEMENT, 17 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 377 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher
|
Pulse Electronics, Corp. Pulse A Technitrol Company Pulse A Technitrol Comp...
|
PBP-3201 PBP-3201-22 PBP-3202-22 PBP-3203-22 PBP-3 |
Equipment Designed to Conform EMI Regulations Such As VCCICISPRFCCVDEetc EQUIPMENT DESIGNED TO CONFORM EMI REGULATIONS SUCH AS VCCI,CISPR,FCC,VDE,ETC Equipment Designed to Conform EMI Regulations Such As VCCI/CISPR/FCC/VDE/etc KPT 10C 10#20 PIN PLUG KPTC 10C 10#20 SKT PLUG KPTC 6C 6#20 SKT PLUG KPTC 8C 8#20 PIN PLUG
|
http:// LAMBDA[DENSEI-LAMBDA]
|
EVH12240 |
designed specially
|
CSB Battery
|
215025 215.500XE 0215002.H- 215002.XE 0215002.H-ND |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) Axial Lead and Cartridge Fuses - Designed to IEC Standard Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|
SF2143A |
Designed for SDARS IF Receiver
|
RF Monolithics, Inc
|
7344-15UBGC-S400-A5 7344-15UBGC/S400-A5 |
Specially designed for applications
|
http:// Everlight Electronics Co., Ltd
|
7343_G1C2-ASVAMS 7343_G1C2-ASVA_MS 7343_G1C2-ASVA_ |
Specially designed for applications
|
Everlight Electronics Co., Ltd
|
7344-V2T3-ASVA 7344/V2T3-ASVA |
Specially designed for applications
|
Everlight Electronics Co., Ltd
|