PART |
Description |
Maker |
IRFE9220 JANTX2N6847U JANTXV2N6847U |
-200V Single P-Channel Hi-Rel MOSFET in a 18-pin LCC package HEXFET?TRANSISTORS REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
|
IRF[International Rectifier]
|
IRFAG50 IRFAG50-15 |
1000V Single N-Channel Hi-Rel MOSFET in a TO-204AA package HEXFET?TRANSISTORS 1000V, N-CHANNEL REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE) Simple Drive Requirements
|
International Rectifier
|
JANTXV2N7224 JANTX2N7224 2N7224 IRFM150 |
HEXFET Transistor(HEXFET 晶体 的HEXFET晶体管(之HEXFET晶体管) REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET? TRANSISTOR 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFU120 IRFR120TR IRFU120TR |
HEXFET POWER MOSFET HEXFET功率MOSFET (IRFR120TR / IRFU120TR) HEXFET POWER MOSFET (IRFR120 / IRFU120) HEXFET POWER MOSFET HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRHN9150 |
HEXFET Transistor(HEXFET 晶体 的HEXFET晶体管(之HEXFET晶体管)
|
International Rectifier, Corp.
|
JANSH2N7269U |
HEXFET Transistor(HEXFET 晶体 的HEXFET晶体管(之HEXFET晶体管)
|
International Rectifier, Corp.
|
IRHN8450 |
HEXFET Transistor(HEXFET 晶体 的HEXFET晶体管(之HEXFET晶体管)
|
International Rectifier, Corp.
|
IRLZ24NL IRLZ24NSTRR IRLZ24NSTRL |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET功率MOSFET(马鞍山的HEXFET功率场效应管
|
International Rectifier Fairchild Semiconductor, Corp.
|
IRFR9210N IRFRU9120N IRFU9120N FR9120N |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A) 功率MOSFET(减振钢板基本\u003d- 100V的,的Rds(on)\u003d 0.48ohm,身份证\u003d- 6.6A P Channel Straight Lead HEXFET Power MOSFET(P沟道HEXFET功率MOS场效应管) P通道直铅HEXFET功率MOSFET的性(P沟道的HEXFET功率马鞍山场效应管) P Channel Straight Lead HEXFET Power MOSFET(P娌??HEXFET???MOS?烘?搴??)
|
IRF International Rectifier, Corp.
|
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
JANTX2N6756 JAN2N6756 JANTXV2N6756 |
HEXFET TRANSISTORS
|
New Jersey Semi-Conductor Products, Inc.
|