PART |
Description |
Maker |
IRFR214 IRFU214 |
250V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
|
IRF[International Rectifier]
|
IRFP264N IRFP264NPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
|
IRF[International Rectifier]
|
AM29F017B-90E4I AM29F017B-75FC AM29F017B-75EI AM29 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24N with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ44NS with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7832 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3709ZS with Lead Free Packaging
|
YEONHO Electronics Co., Ltd.
|
AUIRFR4292 AUIRFR4292TRR |
Automotive Q101 250V Single N-Channel HEXFET Power MOSFET in a D-Pak Package
|
International Rectifier
|
IRF614S |
250V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET
|
International Rectifier
|
AUIRF7799L2TR |
A 250V Automotive Grade Single N-Channel HEXFET Power MOSFET in a DirectFET L8 package rated at 125 amperes optimized with low on resistance
|
International Rectifier
|
IRF634S IRF634STRL IRF634STRR |
250V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A) Power MOSFET(Vdss=250V/ Rds(on)=0.45ohm/ Id=8.1A)
|
IRF[International Rectifier]
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IRFP254 |
Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A) 功率MOSFET(减振钢板基本\u003d 250伏,的Rdson)\u003d 0.14ohm,身份证\u003d 23A条) HEXFET? Power MOSFET 250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp. Samsung semiconductor
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRF1404Z IRF1404ZL IRF1404ZS |
40V Single N-Channel HEXFET Power MOSFET in a TO-262 package 40V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Advanced Process Technology
|
International Rectifier
|
IRF2807Z IRF2807ZS IRF2807ZL |
75V Single N-Channel HEXFET Power MOSFET in a D2Pak Package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 Package 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Advanced Process Technology
|
IRF[International Rectifier]
|