PART |
Description |
Maker |
IRFU9220 IRFR9220 IRFR9220TRR IRFR9220PBF IRFR9220 |
-200V Single P-Channel HEXFET Power MOSFET in a I-Pak package -200V Single P-Channel HEXFET Power MOSFET in a D-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A) 3.6 A, 200 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier] VISHAY INTERTECHNOLOGY INC
|
IRF640NS IRF640NSPBF IRF640NSTRL IRF640NPBF IRF640 |
200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRFR9210 IRFU9210 |
-200V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRFL210 IRFL210TR |
200V Single N-Channel HEXFET Power MOSFET in a SOT-223 package Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
|
International Rectifier
|
IRF620PBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRL640 IRL640PBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
IRF630STRL IRF630STRR IRF630SPBF |
200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRLI620G |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier
|
IRF250 2471 |
200V Single N-Channel Hi-Rel MOSFET in a TO-204AE package From old datasheet system HEXFET? TRANSISTOR
|
International Rectifier
|