PART |
Description |
Maker |
BT137B BT137B-600D BT137B-800E BT137B-800G BT137B- |
Triacs logic level Triacs sensitive gate
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MOC3011 MOC3012 MOC3009 MOC3010 |
(MOC3009 - MOC3012) NON-ZERO-CROSSING TRIACS NON-ZERO-CROSSING TRIACS 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
QUALITY TECHNOLOGIES CORP QT[QT Optoelectronics]
|
BTB20-600BW BTB20-600CW BTB20-700BW BTB20-700CW BT |
700 V, 20 A, SNUBBERLESS TRIAC, TO-220AB From old datasheet system SNUBBERLESS TRIACS 20A TRIACS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BTA24 BTA24-600 BTA24-600B BTA24-600BW BTA24-600CW |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 65C; Standard 2 x 1 Package STANDARD TRIACS 25A TRIACS 25A条双向可控硅
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
BTA204M-800B BTA204M-600C BTA204M-500C BTA204M BTA |
Three quadrant triacs high commutation(涓?薄???????㈠????纭? Three quadrant triacs high commutation(三象限双向高换向可控 From old datasheet system Three quadrant triacs guaranteed commutation
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
MOC302X MOC3020 MOC3021 MOC3023 MOC3022 |
NON ZERO CROSSING TRIACS (MOC3020 - MOC3023) non-zero-crossing triacs
|
QT[QT Optoelectronics]
|
BT137S-600G BT137S BT137S-500 BT137S-500F BT137S-5 |
Octal Buffers/Drivers with 3-State Outputs 20-CDIP -55 to 125 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER SINGLE 300mW 20Vz 5mA-Izt 0.06 0.1uA-Ir 14 SOT-23 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER SINGLE 200mW 16Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-323 3K/REEL DIODE ZENER DUAL ISOLATED 200mW 16.2Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-363 3K/REEL Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Octal Buffers and Line Drivers with 3-State Outputs 20-CDIP -55 to 125 1-of-8 Decoder 20-LCCC -55 to 125 Octal Buffers/Drivers with 3-State Outputs 20-LCCC -55 to 125 Transient Voltage Suppressor Diodes Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA12-800C BTB12-600BWRG BTB12-600BRG BTB12-600CWR |
800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC,800V V(DRM),12A I(T)RMS,TO-220 250MHz Wideband Transconductance Amplifier with Differential Output 330mW, Ultra-Small, Audio Power Amplifiers with Shutdown 12A TRIACS 2A双向可控 12A TRIACS 12A双向可控
|
ST Microelectronics Philips STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
BTA208B-500D BTA208B-500E BTA208B-500F BTA208B-600 |
Three quadrant triacs guaranteed commutation Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 8 A, TRIAC, TO-263 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 800 V, 8 A, TRIAC, TO-263 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. Philips Semiconductors
|
UDS-5703H UDN-5700ASERIES UDN-5706A UDS-5733H |
Serial real-time clock with audio 25 A standard and Snubberless" triacs 40A TRIACS 四外设驱 Real-Time Clock 64 Kbit (8192 bot x 8) EEPROM 四外设驱
|
Avago Technologies, Ltd.
|
T1010H-6G T1010H-6G-TR T1010H-6T T1010H-6T-TR T101 |
High-temperature 10A sensitive gate Triacs High temperature 10 A sensitive TRIACs 600 V, 10 A, TRIAC, TO-220AB
|
ST Microelectronics STMicroelectronics
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|