PART |
Description |
Maker |
RT-1.80505 RT-XX1515 RT-XX0505 RT-XX0524 RT-XX0909 |
ECONOLINE - DC/DC CONVERTER ECONOLINE -直流/直流转换 TV 29C 29#16 PIN PLUG ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RX-2409D RX-2424D RY-0524D RY-0509D RX-0509D RY-15 |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 RESISTOR
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RX-2405S RX-05S RY1212S RX2409S |
LKG PLUG, VARILOAD, 4P5W, 30A 600V RoHS Compliant: Yes ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER 1W DC/DC converter with 24V input, 5V/180mA output
|
RECOM Electronic GmbH RECOM Power Inc. Recom International Power
|
REC10-4824SRWLZ REC10 REC10-1205DRWL REC10-1205SRW |
THYRISTOR PROTECT BIDIR 30A SMB ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BI-DIR 50A SMB ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BIDIR 50A SMB ECONOLINE -直流/直流-转炉 DSUB CON D*M PIN F179A ECONOLINE -直流/直流-转炉 CONTACT SIG H3 P R/A 50 CONTACT SIGNAL H1 P R/A 30 CONTACT SIGNAL H2 P R/A 50 RP BKA COAX RG 316 SIZE 5 CONTACT SIGNAL H3 P R/A 30 CAB CON 16S PIN 22/20 F80 A176 CONTACT SIGNAL H1 P R/A 50 CAB CON 16S PIN 22/20 F80 A36 THYRISTOR PROTECT BI-DIR 30A SMB CTPIND*MA2024AS-NM-A156 THYRISTOR PROTECT BIDIR 100A SMB
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RSZ-1604 RSZ-0809 RSZ-0711 RSZ-2609 RSZ-2612 RSZ-2 |
ECONOLINE - DC/DC - CONVERTER 1 Watt SMD Miniature Isolated Single Output
|
RECOM[Recom International Power]
|
2SC3460 |
ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 For Switching Regulators
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
HM62V8512B HM62V8512BLFP-7 HM62V8512BLFP-7SL HM62V |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Quadruple Bus Buffer Gate With 3-State Outputs 14-PDIP -40 to 85 4 M SRAM (512-kword x 8-bit)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
AD233 AD230 AD241 AD236 AD234 AD237 AD231 AD238 AD |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 5 V Powered CMOS RS-232 Drivers/Receivers
|
Analog Devices, Inc. AD[Analog Devices]
|
RSBL-12 RSBL-9 RSBL-9-S RSB-12 RSB-12-S RSB-24 RSB |
Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Explosion-Proof Limit Switches Series CX: Standard Housing: Side Rotary, Lever not included From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers http://
|
MBD101 MMBD101 MMBD101LT1 |
SILICON SCHOTTKY BARRIER DIODES ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
ONSEMI[ON Semiconductor]
|
AD14060L AD14060BF-4 AD14060LBF-4 5962-9750701HXC |
Quad-SHARC DSP Multiprocessor Family ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 四SHARC处理器DSP的多处理器家 Quad-SHARC DSP Multiprocessor Family 48-BIT, 40 MHz, OTHER DSP, CQFP308 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86%
|
ANALOG DEVICES INC Analog Devices, Inc.
|