PART |
Description |
Maker |
2SC3670 E000875 |
NPN EPITAXIAL TYPE (STOROBO FLASH/ MEDIUM OWER AMPLIFIER APPLICATIONS) RECTIFIER STANDARD SINGLE 1A 100V 100 30A-ifsm 5uA-ir 1V-vf DO-41 1K/BULK STOROBO FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS From old datasheet system NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM OWER AMPLIFIER APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SC3279 E000814 SC3279 2SC3269 |
Silicon NPN transistor for strobo flash applications and medium power amplifier applications STOROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS From old datasheet system NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS) NPN EPITAXIAL TYPE (STOROBO FLASH/ MEDIUM POWER AMPLIFIER APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SC3279 2SC3279N |
TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 2A I(C) | TO-92 晶体管|晶体管|叩| 10V的五(巴西)总裁|甲一(c)|2 NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
|
Toshiba, Corp. Sanyo Semicon Device Toshiba Semiconductor Toshiba Corporation
|
2SC3670 |
TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS) STOROBO FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
|
TOSHIBA
|
2SD2067 2SD2067TENTATIVE |
2SD2067 (Tentative) - Silicon NPN epitaxial planer type Silicon NPN epitaxial planer type(For low-frequency output amplification)
|
Panasonic Corporation Panasonic Semiconductor
|
UP03312 |
Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2) 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp.
|
UPA833TF UPA833TF-T1 PA833TF |
NPN Silicon Epitaxial Transisitor(NPN外延晶体 NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
|
NEC Corp. NEC[NEC]
|
2SD973A 2SD973 2SD0973 |
Silicon NPN epitaxial planer type small signal transistor Silicon NPN epitaxial planer type(For low-frequency power amplification) 1000 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
UPA801 UPA801T UPA801TC UPA801TC-T1 PA801TC |
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD NPN Epitaxial Transisitor(NPN外延晶体
|
NEC[NEC] NEC Corp.
|
RN47A4 |
Transistor Silicon NPN PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor) Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications. TOSHIBA Transistor Silicon NPN・PNP Epitaxial Type
|
TOSHIBA[Toshiba Semiconductor]
|
XN04381 XN4381 UN2122 UN2213 UNR2122 UNR2213 |
Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2) For switching/digital circuits
|
PANASONIC[Panasonic Semiconductor]
|
2SC2206 2SA1254 |
Silicon PNP epitaxial planer type Silicon NPN epitaxial planer type(For high-frequency amplification)
|
PANASONIC[Panasonic Semiconductor]
|