PART |
Description |
Maker |
1N4003 |
(1N4001 - 1N4007) Silicon Rectifier Diodes
|
EIC Semiconductor
|
1N4001 |
(1N4001 - 1N4007) General Purpose Plastic Rectifier
|
SIYU
|
1N4007_L 1N4001_L 1N400X 1N4003 1N4001/L 1N4007/L |
(1N4001 - 1N4007) 1.0A RECTIFIER Leaded rectifier diode
max. Tj = 150 °C;
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|
DBB08 DBB08G-TM-E |
0.8A Single-Phase Bridge Rectifi er
|
ON Semiconductor
|
APT30DL60BCT APT30DL60BCTG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
CBRLDSH2-60CBRLDSH2-100 |
2.0A, 60V and 100V Bridge Rectifi ers
|
Central Semiconductor Corp
|
APT2X151DL60J APT2X150DL60J |
Ultrafast Soft Recovery Dual Rectifi er Diode
|
Microsemi Corporation
|
CPD2410 |
Fast Recovery Rectifier 1 Amp Glass Passivated Rectifi er Chip
|
Central Semiconductor Corp
|
PFF50 |
Axial Leaded Hermetically Sealed High Voltage Superfast Rectifi er Diode
|
Semtech Corporation
|
831C-3J 831C-4 831C-1 831C-1G 831C-1J 831C-2 831C- |
1N4001 DIO RECT 100V DIODE ZENER SINGLE 1000mW 62Vz 4mA-Izt 0.05 5uA-Ir 47.1Vr DO41-GLASS 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 IC LOGIC 3306 DUAL FET BUS SWITCH -40 85C TSSOP-8 - OBSOLETE RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 DIODE ZENER SINGLE 1000mW 68Vz 3.7mA-Izt 0.05 5uA-Ir 51.7Vr DO41-GLASS 5K/AMMO 83系列成型双酯通孔和表面贴装干簧继电器 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 83系列成型双酯通孔和表面贴装干簧继电器 IC PLL CLK GENERATOR 1:6 32-LQFP 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS
|
http:// List of Unclassifed Manufacturers ETC[ETC] Gordos Electronic Theatre Controls, Inc. List of Unclassifed Man...
|