PART |
Description |
Maker |
IDT54FCT162374ATPFB IDT54FCT162374TPAB IDT54FCT162 |
FAST CMOS 16-BIT REGISTER (3-STATE) Variable Capacitance Diode for Digital audio; Ratings VR (V): 10; Characteristics n: 2.40 to 3.05; Characteristics rs (ohm) max: 1.8; Characteristics C (pF) max: C1 = 2.60 to 2.90 C3 = 0.97 to 1.08; Characteristics CVR/CVR: 1/3; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 2.35 to 2.55; Characteristics rs (ohm) max: 0.6; Characteristics C (pF) max: C1=6.62 to 7.02 C4=2.60 to 2.95; Characteristics CVR/CVR: 1/4; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 2.10 to 2.40; Characteristics rs (ohm) max: 0.75; Characteristics C (pF) max: C0.5 = 7.38 to 7.92 C2.5 = 3.26 to3.58; Characteristics CVR/CVR: 0.5/2.5; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 1.680 to 1.750; Characteristics rs (ohm) max: 1.2; Characteristics C (pF) max: C1 = 21.50 to 24.00 C2 = 12.50 to 14.50; Characteristics CVR/CVR: 1/2; Cl: 17; Package: SFP Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 2.43 to 2.57; Characteristics rs (ohm) max: 0.75; Characteristics C (pF) max: C0.5 = 7.30 to 7.70 C2.5 = 2.90 to 3.18; Characteristics CVR/CVR: 0.5/2.5; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 2.30 to 2.46; Characteristics rs (ohm) max: 0.4; Characteristics C (pF) max: C0.5 = 18.5 to 20.0 C2.5 = 7.3 to 8.6; Characteristics CVR/CVR: 0.5/2.5; Cl: 7.95; Package: SFP Variable Capacitance Diode for Digital audio; Ratings VR (V): 10; Characteristics n: 2.28 to 2.90; Characteristics rs (ohm) max: 1.1; Characteristics C (pF) max: C1 = 2.90 to 3.30 C3 = 1.12 to 1.30; Characteristics CVR/CVR: 1/3; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 2.02 to 2.26; Characteristics rs (ohm) max: 0.4; Characteristics C (pF) max: C0.5 = 18.5 to 20.0 C2.5 = 8.55 to 9.45; Characteristics CVR/CVR: 0.5/2.5; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 2.62 min; Characteristics rs (ohm) max: 0.4; Characteristics C (pF) max: C1 = 14.6 to 15.8 C4 = 5.20 to 5.80; Characteristics CVR/CVR: 1/4; Cl: 5.85; Package: EFP Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 3.0 min; Characteristics rs (ohm) max: 2; Characteristics C (pF) max: C1 = 41.6 to 49.9 C4 = 10.1 to 14.8; Characteristics CVR/CVR: 1/4; Cl: 12.45; Package: SFP Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 1.73 to 2.10; Characteristics rs (ohm) max: 0.7; Characteristics C (pF) max: C1 = 2.35 to 2.70 C3 = 1.22 to 1.42; Characteristics CVR/CVR: 1/3; Cl: -; Package: MP6
|
Integrated Device Technology, Inc.
|
GBL210 GBL208 |
Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified.
|
乐山无线电股份有限公
|
D25SB60 D25SB10 D25SB80 D25SB100 D25SB20 D25SB40 |
Maximum Ratings & Thermal Characteristics Ratings at 25?/a> ambient temperature unless otherwise specified. MAXIMUM RATINGS & THERMAL CHARACTERISTICS RATINGS AT 25∩ AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED. Maximum Ratings & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified.
|
LRC[Leshan Radio Company]
|
EP3C25F256I7N EP3C25Q240C8N EP3C10E144C7 EP3C10F25 |
1. Cyclone III Device Datasheet The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone? III devices. A glossary is also included for your reference.
|
Altera Corporation
|
ES1D-SMA |
Major Ratings and Characteristics
|
DONGGUAN YOU FENG WEI E...
|
1MBH15D-060 |
Ratings and characteristics of Fuji IGBT
|
FUJI[Fuji Electric]
|
ERW08-120 |
Ratings and characteristics of Fuji silicon diode
|
FUJI[Fuji Electric]
|
FTD110B |
DIODE TRIO WAI TYPE Low forward voltage drop High reliability MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
|
First Components International FCI connector
|
1N5242BT 1N5241BT 1N5244BT 1N5239BT 1N5270B 1N5277 |
Absolute Maximum Ratings 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Absolute Maximum Ratings 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Absolute Maximum Ratings 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Absolute Maximum Ratings 2.4 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Absolute Maximum Ratings 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Absolute Maximum Ratings 110 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Absolute Maximum Ratings 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zeners
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TC1411EOA TC1411COA713 TC1411CPA TC1411EOA713 TC14 |
The TC1411/1411N are 1A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. ... The TC1411/1411N are 1A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. The
|
Microchip
|
TC1412 TC1412N TC1412NEUA713 TC1412EUA713 TC1412EP |
2A High-Speed MOSFET Drivers The TC1412/1412N are 2A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. ... The TC1412/1412N are 2A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. The
|
http:// Microchip
|
C67078-A1601-A2 BUZ18 |
main ratings
|
SIEMENS[Siemens Semiconductor Group]
|