PART |
Description |
Maker |
AD22055N AD22055R AD22055-15 AD22055 |
Single Supply Bridge Transducer Amplifier Single Supply Bridge Transducer Amplifier INSTRUMENTATION AMPLIFIER, 1000 uV OFFSET-MAX, 0.03 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
40PC150V1A 40PC001B1A 40PC001B2A 40PC001B3A 40PC00 |
Fully signal conditioned pressure transducer
|
Sensortechnics GmbH
|
CS5520 CS5516-AP CS5516-AS 5516 |
16/20-BitBridgeTransducerA/DConverters|DCMeasurement|A/DConverters
16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER From old datasheet system
|
ETC
|
164PC01D76-PCB 164PC01D37-PCB |
Fully signal conditioned low pressure transducer
|
Sensortechnics GmbH
|
BAS70WFILM BAS70JFILM BAS70-04WFILM BAS70-06WFILM |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE CYDC064B08 West Bridge Peripheral Controllers; Bus Width: x8; Speed: 55 ns 2K x 8 Automotive Dual-port Static RAM
|
ST Microelectronics STMicroelectronics
|
DF0.01-C10 DF0.3-C10 DF0.02-C10 DF0.1-C10 DF0.5-C1 |
DC Current transducer DF-C10 直流电流传感器东C10 DC Current transducer DF-C10 直流电流传感器东风C10
|
LEM[LEM]
|
HMS10-P HMS05-P HMS-05-P |
Current Transducer Current Transducer HMS 5..20-P
|
LEM
|
S1P2655A03 S1P2655A05 S1P2655A01 S1P2655A02 S1P265 |
Linear integrated circuit. Input level TTL, CMOS 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR SOP-16 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR DIP-16 LT Series Water Resistant Linear Position Transducer, 76,2 mm [3.0 in] Electrical Travel, 1.0 % Linearity, Cable Termination, Item Number F58000203 Level Meter Linear integrated circuit. Input level DTL, TTL, PMOS, CMOS
|
ITT, Corp. TE Connectivity, Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
BAR18 BAS70-05 BAS70-04 BAS70-06 BAR18FILM BAS70-0 |
SMALL SIGNAL SCHOTTKY DIODES SMALL SIGNAL SCHOTTKY DIODES CYDC064B08 West Bridge Peripheral Controllers; Bus Width: x16; Speed: 55 ns 256K (16K x 8) Dual Port SRAM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
KBPC108 KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 K |
3A,6A single phase rectifier bridges 3 A Single Phase Rectifier Bridges(3A 单向整流器桥) 三单相整流桥3A条单向整流器桥) 6 A Single Phase Rectifier Bridges(6A 单向整流器桥) 1000V Bridge in a D-72 package 800V Bridge in a D-72 package 600V Bridge in a D-72 package 400V Bridge in a D-72 package 200V Bridge in a D-72 package 50V Bridge in a D-72 package 1000V Bridge in a D-46 package 600V Bridge in a D-46 package 400V Bridge in a D-46 package 200V Bridge in a D-46 package 100V Bridge in a D-46 package 50V Bridge in a D-46 package 800V Bridge in a D-46 package 6 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Vishay Siliconix International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
DB107-BP DB105-BP DB101-BP DB104-BP |
RECTIFIER BRIDGE 1A 1000V DB-1 1 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 1A 600V DB-1 1 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 1A 50V DB-1 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 1A 400V DB-1
|
Micro Commercial Components, Corp.
|