PART |
Description |
Maker |
X25057VIG-1.8 X25057SIG-1.8 X25057MIG-1.8 X25057P- |
5MHz Low Power SPI Serial E2PROM with IDLock?Memory 5MHz Low Power SPI Serial E2PROM with IDLock?/a> Memory 5MHz Low Power SPI Serial E2PROM with IDLock Memory 5MHz Low Power SPI Serial E2PROM with IDLock垄芒 Memory 5MHz Low Power SPI Serial E2PROM with IDLock⑩ Memory 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
IC MICROSYSTEMS Sdn. Bhd. IC MICROSYSTEMS SDN BHD
|
X25320 X25320P X25320P-2.7 X25320PI X25320PI-2.7 X |
SPI Serial E2PROM With Block LockTM Protection SPI串行E2PROM的保护带座LockTM
|
XICOR[Xicor Inc.]
|
X25138ZI-V X25138S8I-V X25138ZT2.5 |
5MHz SPI Serial E2PROM with Block Lock PROTECTION 5MHz的SPI串行E2PROM的区块可锁定的保
|
3M Company Wolfson Microelectronics PLC Rohm Co., Ltd.
|
X25040S X25040S-2.7 X25040S-3 X25040SI X25040SI-2. |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 SPI串行E2PROM的保护与块LockTM SPI Serial E2PROM with Block LockTM Protection SPI串行E2PROM的保护与块LockTM
|
Vishay Semiconductors XICOR[Xicor Inc.]
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
S-25A640A |
OPERATION SPI SERIAL E2PROM
|
Seiko
|
X25041 X25041P X25041P-2.7 X25041P-3 X25041PI X250 |
DC/DC Charge Pump Converter (DC-DC) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Number of PWM Outputs:2; Input Voltage Primary Min:1.8V; Input Voltage Primary SPI Serial E2PROM with Block LockTM Protection
|
XICOR[Xicor Inc.]
|
X24321 X24321S8 X24321S8-1.8 X24321S8-2.5 X24321S8 |
32K (4K x 8bit) 400KHz 2-wire serial E2PROM 400 KHz 2-Wire Serial E2PROM Series 940-F/947, 3000 mm [118.0 in] scan distance, Plastic M30, Prewired 2 m, switching output NPN, adjustment potentiometer
|
XICOR[Xicor Inc.]
|
X25330V14IG-2.5 X25330S8IG-2.5 X25330AE X25330AEG |
5MHz SPI Serial E2 PROM with Block Lock Protection
|
IC MICROSYSTEMS
|
CAT25C33 CAT25C65 |
SPI Bus Serial EEPROM (Motorola Compatible), 32K, 3-bit Block Protection, WPEN Bit SPI Bus Serial EEPROM (Motorola Compatible), 64Kb, 3-bit Block Protection, WPEN Bit
|
Catalyst Semiconductor
|
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|