PART |
Description |
Maker |
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TC7662A02 TC7662AMJA TC7662ACPA TC7662AEPA TC7662A |
Charge Pump DC-to-DC Converter The TC7662A is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 3V to 18V input to a corresponding –3V to –18V output using only two low-cost capacitors, eliminating induct
|
MICROCHIP[Microchip Technology]
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
LX1882-00CDU-TR LX1882-00CDM-TR LX1882-33CDM-TR LX |
Charge Pump Doubler with Linear Regulator Charge Pump; Package: MSOP8;
|
Microsemi Corporation MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
TC96205 TC962MJA TC1047_06 TC962COE TC962CPA TC962 |
Precision Temperature-to-Voltage Converter High Current Charge Pump DC-to-DC Converter
|
MICROCHIP[Microchip Technology]
|
TC7662A13 |
Charge Pump DC-to-DC Converter
|
Microchip Technology
|
ST619 ST619LB ST619LBDR |
DC-DC CONVERTER REGULATED 5V CHARGE PUMP DC-DC CONVERTER REGULATED 5V CHARGE PUMP
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MAS9251 |
REGULATED CHARGE PUMP DC/DC CONVERTER
|
List of Unclassifed Manufacturers ETC
|
ZXCP330 |
CMOS Charge Pump Converter-Obsolete
|
Zetex Semiconductors
|
FAN5609 FAN5609MPX FAN5609MTCX |
LED Driver with Adaptive Charge Pump DC/DC Converter
|
FAIRCHILD[Fairchild Semiconductor]
|
HT7936A-16 |
White LED Step-up Charge Pump Converter
|
Holtek Semiconductor In...
|