PART |
Description |
Maker |
MCT5201 MCT5200 MCT5211 MCT5210 MCT5210300W MCT520 |
6-Pin DIP Low Current Input Phototransistor Output Optocoupler LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
|
FAIRCHILD[Fairchild Semiconductor]
|
PC81410NSZ PC8141XNSZ |
AC Input/ Low Input Current Type Photocoupler AC Input, Low Input Current Type Photocoupler AC输入,低输入电流型光电耦合
|
Sharp Corporation Sharp, Corp. SHARP[Sharp Electrionic Components] Sharp Electronics Corp.
|
FOD2200 FOD2200TV FOD2200S FOD2200SD FOD2200SDV FO |
Low input current logic gate optocoupler. 8-PIN DIP LOW INPUT CURRENT LOGIC GATE OPTOCOUPLER LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
|
FAIRCHILD SEMICONDUCTOR CORP
|
SFH6286-3T |
Optocoupler, Phototransistor Output, AC Input, Low Input Current
|
Vishay Siliconix
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
PS2815-1-F3 PS2815-1-F4 PS2815-1-V PS2815-4-V-F3 P |
LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER
|
Renesas Electronics Corporation
|
PC814XNSZ-SERIES |
AC Input Low Input Current Type Photocoupler
|
SHARP
|
PC364N PC364 |
AC Input/ Low Input Current Type Photocoupler AC Input, Low Input Current Type Photocoupler
|
SHARP[Sharp Electrionic Components]
|
LB1247 |
Active-Low Input,8-Unit, High-Current, Low-Saturation Driver
|
SANYO[Sanyo Semicon Device]
|
FOD270LTV FOD073L FOD073LR2 FOD073LR2V FOD073LV FO |
LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS 8-Pin SOIC Single-Channel Low Current High Gain Split Darlington Output Optocoupler 8-Pin SOIC Dual-Channel Low Current High Gain Split Darlington Output Optocoupler 8-Pin DIP Single-Channel Low Input Current High Gain Split Darlington Output Optocoupler LVTTL/LVCMOS compatible low input current high gain split darlington optocoupler.
|
Fairchild Semiconductor Corporation
|