PART |
Description |
Maker |
ST9040 |
16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
|
http://
|
ST92195 ST92195C3B1/GEN ST92T195 ST92T195D7B1 |
48-96 KBYTE ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
|
ST Microelectronics
|
NT68P61A |
8-Bit Microcontroller for Monitor (24K OTP ROM Type)
|
ETC[ETC]
|
ST92195B ST92T195 ST92T195B ST92195B1B1 -ST92195B2 |
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER 32 - 64K的对光盘HCMOS与微控制器屏幕显示和图文电视数据限幅 16-BIT, MROM, 24 MHz, MICROCONTROLLER, PDIP56
|
ST Microelectronics 意法半导 Mitsubishi Electric, Corp. STMICROELECTRONICS
|
LC877424A LC877432A |
8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
|
Sanyo Electric Co.,Ltd.
|
ST62P25C ST6225C ST6215C ST62P15CM6 ST62T25CM3 ST6 |
(ST62P15C / ST62P25C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGARD. SAFE RESET AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器SAFEGARD。安全复位和28个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
ST72T752J6B1 ST72752 ST72752J4 ST72752J5 ST72752J6 |
8-BIT MICROCONTROLLER 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC,TIMER, SYNC, PWM/BRM, DDC/DMA & I 2 C 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C 8位微控制器与监控多达2K光盘,每1000内存,模数转换器,定时器,同步,脉宽调制/的BRMDDC DMA
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
ST62P03CM6 ST62P03CM1 ST62P03CM3 ST62T01CM6/TR ST6 |
(ST62P00C - ST62P03C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER (MCU) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGUARD. SAFE RESET AND 16 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器保障。安全复位和16个引
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
ZLR64400X2064O ZLR64400X2864O ZLR64400P2864G ZLR64 |
ROM MCU with Learning Amplification
|
Maxim Integrated Products
|
ST10 ST10C167 ST10C167-Q6XX ST10C167-Q3_XX ST10C16 |
16-BIT MCU WITH 32K BYTE ROM
|
STMICROELECTRONICS[STMicroelectronics]
|
ST7263BK2B1 ST72F63BK4M1 ST72P63BK4M1 ST72F63BK1B1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C 低速USB 8位微控制器闪 ROM家庭,高12字节RAM位ADC,水分散粒剂,定时器,SCI LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMicroelectronics N.V. 意法半导
|
MSU2031C16 MSU2031C25 MSU2031C40 MSU2031L16 MSU203 |
low working voltage 16 MHz ROM less MCU
|
MOSEL[Mosel Vitelic, Corp]
|