PART |
Description |
Maker |
M48T35AY04 M48T35AV-10PC1E M48T35AV-10PC1F M48T35A |
REAL TIME CLOCK, PDSO28 5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER㈢ SRAM 5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER庐 SRAM 5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER? SRAM
|
STMicroelectronics
|
M14128 D10 D22 ST1331 ST1336 ST14C02C C20 C30 D15 |
Memory Card IC 256/128 Kbit Serial IC Bus EEPROM Memory Micromodules General Information for D1/ D2 and C Packaging Memory Micromodules General Information for D1, D2 and C Packaging Memory Micromodules General Information for D1 D2 and C Packaging
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
LH28F400SUHT-NC80 |
4Mbit(512Kbit x 8,256 Kbit x 16) 5V Single Voltage Flash Memory
|
Sharp Corporation
|
M39832 M39832NE 6468 M39832-B12WNE1T M39832-B12WNE |
Single Chip 8 Mbit (1Mb x8 or 512Kb x16) Flash and 256 Kbit Parallel EEPROM Memory Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory From old datasheet system
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT43101 |
PCMCIA Card Memory Interface Circuit with 256 Bytes of Internal Attribute Memory EEPROM
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
FM31256 |
64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
|
Cypress Semiconductor
|
AT88SC25616C |
256-Kbit User Memory with Authentication and Encryption. This is a summary document. A complete document is available under NDA. For more information, please contact your local sales office.
|
Atmel
|
PSD835G2-70U PSD835G2-90U PSD835G2-90UI |
Flash PSD, 5V Supply, for 8-bit MCUs, 4Mb 256 Kbit Dual Flash Memories and 64 Kbit SRAM
|
ST Microelectronics
|
PSD834F2V-15M PSD834F2V-20JI PSD834F2V-20MI PSD834 |
FLASH PSD, 3.3V SUPPLY, FOR 8-BIT MCUS 2 MBIT 256 KBIT DUAL FLASH MEMORIES AND 64 KBIT SRAM
|
ST Microelectronics
|
UN2124 UNR2124 UN2121 UNR2121 UN212Y UN2122 UNR212 |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM Transistors with built-in Resistor
|
Matsshita / Panasonic
|
HSP48410 HSP48410GC-33 HSP48410GC-40 HSP48410JC-33 |
From old datasheet system Histogrammer/Accumulating Buffer CONN MEMORY CARD NORMAL I/O CONN MEMORY CARD REV BOTTOM PCB 24-BIT, DSP-HISTOGRAM PROCESSOR, PQCC84
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|