PART |
Description |
Maker |
SP488ES SP488ET SP488CS SP489ET SP489CT SP489ES SP |
Quad RS-485/RS-422 Line Receivers
|
http:// SIPEX[Sipex Corporation]
|
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL83483IBZ ISL8348304 ISL83485IBZ ISL83488IBZ ISL |
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(3.3V, 低功 高速或带有限斜率功能的RS-485/RS-422收发 3.3,低功耗,高速或摆率限制,RS-485/RS-422收发器(3.3V,低功率,高速或带有限斜率功能的的RS-485/RS-422收发器) 3.3V, Half Duplex, 10Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R LINE TRANSCEIVER, PDSO8 3.3V, Full Duplex, 250kbps Slew Rate Limited, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISL8148504 ISL81485IBZ ISL81485IUZ ISL81485 |
5V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-MSOP LINE TRANSCEIVER, PDSO8 5V, 30Mbps, RS-485/RS-422 Transceiver(5V, 30Mbps, RS-485/RS-422收发
|
Intersil, Corp. Intersil Corporation
|
ISL31491E ISL31491EIBZ ISL31498E ISL31498EIBZ ISL3 |
LINE TRANSCEIVER, PDSO8 ±60V Fault Protected, 5V, RS-485/RS-422 Transceivers with ±25V Common Mode Range 卤60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 卤25V Common Mode Range 隆戮60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 隆戮25V Common Mode Range
|
Intersil Corporation
|
MC34C87D MC34C87P |
Quad EIA-422-A Line Driver
|
Motorola
|
ISL43485IB-T ISL43485IB ISL43485 |
3.3V, Low Power, 30Mbps, RS-485/RS-422 LINE TRANSCEIVER, PDSO8 3.3V Low Power 30Mbps RS-485/RS-422 3.3V/ Low Power/ 30Mbps/ RS-485/RS-422
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC3487P MC3487 MC3487D |
QUAD EIA-422 LINE DRIVER WITH THREE-STATE OUTPUTS
|
Motorola, Inc
|
PE926C31 PE926C31-01 PE926C31-21 PE926C31-EK 926C3 |
Quad RS-422 Differential Line Driver Radiation Hardened
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
MAX3292CSD MAX3292CPD MAX3291 MAX3291-MAX3292 MAX3 |
RS-485/RS-422 Transceivers with Preemphasis for High-Speed Long-Distance Communication RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication LINE TRANSCEIVER, PDSO14 RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|