PART |
Description |
Maker |
LT1081 LT1081C LT1081CJ LT1081CN LT1081CSW LT1081I |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Advanced Low Power 5V RS232 Dual Driver/Receiver From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LT1181A LT1180A LT1180ACN LT1180ACSW LT1180AIN LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
|
Linear Technology, Corp. Linear Integrated Systems
|
MC145705DW MC145705P MC145706DW MC145706P MC145707 |
5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE (MC145706 / MC145707) 5 Volt Only Driver/Receiver with an Integrated Standby Mode Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO20 Dual-Processor Supervisory Circuits with Power-Fail 8-MSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Motorola, Inc MOTOROLA[Motorola Inc] Jiangsu Changjiang Electronics Technology Co., Ltd.
|
LT1381CS LT1381 LT1381I LT1381IS LT1381CN LT1381C |
Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
|
Linear Technology
|
LT1381CSPBF LT1381CSTRPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16
|
Linear Technology, Corp.
|
CXA1854AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
MC10H330LR2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
ON Semiconductor
|
CXA1998AQ |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
Sony, Corp.
|
CXA1634 CXA1634M CXA1634P |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 PRE-POWER AMPLIFIER FOR POCKETABLE STEREO CASSETTE PLAYER
|
Sony, Corp. SONY[Sony Corporation]
|
P6KE180 P6KE6.8A P6KE13A P6KE350 P6KE43 |
Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR 技术规格瞬态电压抑制器 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
DC Components Co., Ltd.
|
UPD4722GS-GJG UPD4722 UPD4722GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|
NDL7705P2D NDL7603P NDL7910P NDL7701P NDL7705P NDL |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
|
NEC, Corp.
|