PART |
Description |
Maker |
BTS4880R BTS4880-R |
Smart High Side Switches - 8 x 200 mΩ, 12-45V Smart Power High-Side-Switch Eight Channels: 8 x 200 m
|
Infineon Technologies AG
|
1N6634CUS JANTX1N6634C JAN1N4969DUS 1N5969DUS JAN1 |
SPM (Smart Power Module); Package: SPM32-DA; No of Pins: 32; Container: Rail Enclosed Switches Series LS: Side Rotary - Lever Not Included; 1NC 1NO SPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Compact/Non-Plug-in MC 1,5/14-G-3,5-RN Ultra Fast Recovery Rectifier Module; Forward Current:100A; Forward Current Avg Rectified, IF(AV):50A; Forward Surge Current Max, Ifsm:1000A; Forward Voltage:1.5V; Forward Voltage Max, VF:2.5V; Leaded Process Compatible:No RoHS Compliant: No Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch; Package: TSSOP; No of Pins: 16; Container: Rail PNP General Purpose Amplifier; Package: SuperSOT; No of Pins: 3; Container: Tape & Reel MCV 1,5/15-G-3,5-RN MC 1,5/16-G-3,5-RN RECTIFIER SCHOTTKY SINGLE 1A 80V 30A-Ifsm 0.79Vf 0.5A-IR SMA 3K/REEL Smart Power Module; Package: SPM27-JA; No of Pins: 27; Container: Rail Smart Power Module; Package: SPM27-JB; No of Pins: 27; Container: Rail 15A, Smart Power Module; Package: SPM27-BA; No of Pins: 27; Container: Rail GMVSTBR 2,5/ 3-ST BK Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch 24 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 9.1 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 36 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 36 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CMOS Voltage Converter 8-PDIP -40 to 125 4.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 4.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CAP 180PF 100V 5% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE FKCN 2,5/ 5-STF 300 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 82 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 43 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10A, Smart Power Module (SPM); Package: SPM32-AA P; No of Pins: 32; Container: Rail 27 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 39 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 20 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30A, Smart Power Module (SPM); Package: SPM32-AA P; No of Pins: 32; Container: Rail 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 270 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.9 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 11 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 180 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 7.5 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE MKDS 2,5/ 4-5,08 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 220 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode 15A, Smart Power Module (SPM); Package: SPM32-AA P; No of Pins: 32; Container: Rail Low Voltage, 1 Ohm, SPDT Analog Switch with Power-Off Isolation; Package: MicroPak; No of Pins: 6; Container: Tape & Reel CMOS Voltage Converter 8-PDIP -40 to 85
|
Microsemi Corporation Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE
|
MSK4422U MSK4422D MSK4422G MSK4422S |
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
|
MSK[M.S. Kennedy Corporation]
|
AD9211BCPZ-170 AD9211-170EB |
10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
|
Analog Devices, Inc.
|
B-394 |
B-394 3PDT, 250 Amps,115/200 VAC, 400 Hz
|
Tyco Electronics
|
SDRS614LL |
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, Inc
|
SDRS614LL |
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I...
|
SDRS614 |
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I...
|
SHM120SMS SHM140SMS SHM40FSMS SHM60FSMS SHM80FSMS |
50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I... SSDI[Solid States Devices, Inc]
|
TC2014_06 TC201406 TC2015-2.7VCTTR TC2015-3.0VCTTR |
50 mA, 100 mA, 150 mA CMOS LDOs with 50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass 2.7 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5
|
MICROCHIP[Microchip Technology]
|
2SK3467 2SK3467-ZK 2SK3467-ZK-AZ |
80 A, 20 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB MP-25ZK, 3 PIN PROFET: Smart High Side Switches; Package: PG-DSO-36; Channels: 8.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 11.0 - 45.0 V; IL(SC): 3.0 A; Diagnostic: n.a. PROFET: Smart High Side Switches; Package: PG-DSO-36; Channels: 8.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 11.0 - 45.0 V; IL(SC): 3.0 A; Diagnostic: n.a. SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE Nch power MOS FET (Switching)
|
NEC Corp. NEC[NEC]
|
ISLA216S25IR48EV1Z |
16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
|
Intersil Corporation
|
|