PART |
Description |
Maker |
CDBER0130R-HF CDBER130R-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=35V, V-R=30V, I-O=0.1A SMD Schottky Barrier Diode
|
Comchip Technology
|
SB07-03P-TD-E EN2981C EN2981 SB07-03P-12 |
Schottky Barrier Diode, 30V, 0.7A, Low IR, Single PCP 30V, 700mA Rectifier
|
ON Semiconductor Sanyo Semicon Device
|
SB0503SH |
30V, 0.5A Schottky Barrier Diode Schottky Barrier Diode 30V, 0.5A Rectifier
|
Sanyo Semiconductor Sanyo Semicon Device
|
SPJ-63S SPB-G56S MPE-24H SPB-64S SPB-G34 SPB-G34S |
Schottky Barrier Diodes (Power Surface Mount) 30V / 40V / 60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 6 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 肖特基二极管(电源表面贴装)30V的,40V的,60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 5 A, 40 V, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 3 A, 40 V, SILICON, RECTIFIER DIODE
|
http:// Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
SB007-03CP SB007-03CP-E |
30V/ 70mA Rectifier Schottky Barrier Diode 30V, 70mA Rectifier 30V 70mA Rectifier DIODE SCHOTTKY 30V 0.07A 3CP
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
CDBFR0230-HF |
SMD Schottky Barrier Diode Halogen Free Schottky Barrier Diodes, V-RRM=35V, V-R=30V, I-O=0.2A
|
Comchip Technology
|
SBH1503S |
Schottky Barrier Diode 30V, 1.5A Rectifier
|
Sanyo Semicon Device
|
SBE811 |
Schottky Barrier Diode 30V, 2.0A Rectifier
|
Sanyo Semicon Device
|
SB1003M |
Schottky Barrier Diode 30V, 1A Rectifier
|
Sanyo Semicon Device
|
SBH0203R |
Schottky Barrier Diode 30V, 0.2A Rectifier
|
Sanyo Semicon Device
|
XBS303V19R-12 XBS303V19R-G |
Schottky Barrier Diode, 3A, 30V Type
|
Torex Semiconductor
|
SS1003EJ |
Schottky Barrier Diode 30V, 1A Rectifier
|
Sanyo Semicon Device
|